Electronic Components Datasheet Search
  English  ▼

X  

GL1118 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GL1118
Description  0.8A Low Dropout Positive Adjustable or Fixed-Mode Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GL1118 Datasheet(HTML) 1 Page - GTM CORPORATION

  GL1118 Datasheet HTML 1Page - GTM CORPORATION GL1118 Datasheet HTML 2Page - GTM CORPORATION GL1118 Datasheet HTML 3Page - GTM CORPORATION GL1118 Datasheet HTML 4Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GL1118
Page: 1/4
ISSUED DATE :2005/06/06
REVISED DATE :2006/06/05C
G
G L
L 11111188
0.8A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Description
The GL1118 is a low dropout at positive adjustable or fixed-mode regulator with minimum of 0.8A output
current capability. The product is specifically designed to provide well-regulated supply for low voltage IC
applications such as high-speed bus termination and low current 3.3V logic supply. GL1118 is also well suited
for other applications such as VGA cards. GL1118 is guaranteed to have lower than 1.3V dropout at full load
current making it ideal to provide well regulated outputs of 1.25V to 5.0V with up to 12V input supply.
Features
&1.4Vmaximum dropout full load current
&Fast transient response
&Output current limiting
&Built-in thermal shutdown
&Good noise rejection
&3-Terminal Adjustable or Fixed 1.5V,1.8V,2.5V,3.3V,5.0V
Applications
&PC peripheral
&Communication
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.70
7.30
B
13°TYP.
C
2.90
3.10
J
2.30 REF.
D
0.02
0.10
1
6.30
6.70
E
0°
10°
2
6.30
6.70
I
0.60
0.80
3
3.30
3.70
H
0.25
0.35
4
3.30
3.70
5
1.40
1.80
Typical Circuit
SOT-223
3.3V /0.8A
2.5V/0.8A


Similar Part No. - GL1118

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GL1118 ETL-GL1118 Datasheet
251Kb / 4P
0.8A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results

Similar Description - GL1118

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1115 DIODES-AP1115 Datasheet
212Kb / 7P
0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1115 Rev. 1
logo
GTM CORPORATION
G1117A GTM-G1117A Datasheet
253Kb / 4P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
APX1117 DIODES-APX1117 Datasheet
165Kb / 8P
1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
APX1117 Rev. 1
logo
GTM CORPORATION
GJ1084 GTM-GJ1084 Datasheet
248Kb / 4P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GJ1118 GTM-GJ1118 Datasheet
239Kb / 4P
0.8A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1084 GTM-GU1084 Datasheet
310Kb / 4P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1085 A-POWER-APE1085 Datasheet
209Kb / 10P
3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
APE1117A A-POWER-APE1117A Datasheet
436Kb / 9P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Guangdong Kexin Industr...
KMU1117 KEXIN-KMU1117 Datasheet
95Kb / 3P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
GL1118 ETL-GL1118 Datasheet
251Kb / 4P
0.8A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com