Electronic Components Datasheet Search
  English  ▼

X  

AD8541 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8541
Description  16 V, 1 MHz, CMOS Rail-to-Rail Input/Output Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8541 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8541 Datasheet HTML 6Page - Analog Devices AD8541 Datasheet HTML 7Page - Analog Devices AD8541 Datasheet HTML 8Page - Analog Devices AD8541 Datasheet HTML 9Page - Analog Devices AD8541 Datasheet HTML 10Page - Analog Devices AD8541 Datasheet HTML 11Page - Analog Devices AD8541 Datasheet HTML 12Page - Analog Devices AD8541 Datasheet HTML 13Page - Analog Devices AD8541 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADA4665-2
Rev. 0 | Page 10 of
20
TA = 25°C, unless otherwise noted.
100
90
80
70
60
50
40
100
1k
10k
100k
1M
FREQUENCY (Hz)
VSY = 5V
Figure 27. CMRR vs. Frequency
120
100
80
60
40
20
0
100
90
80
70
60
50
40
100
1k
10k
100k
1M
FREQUENCY (Hz)
VSY = 16V
Figure 30. CMRR vs. Frequency
120
100
80
60
40
20
0
–20
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
–20
100
1k
10k
100k
10M
1M
FREQUENCY (Hz)
VSY = 5V
PSRR+
PSRR–
Figure 28. PSRR vs. Frequency
80
70
60
50
40
30
20
10
VSY = 16V
PSRR+
PSRR–
Figure 31. PSRR vs. Frequency
0
10
100
1k
CAPACITANCE (pF)
VSY = 5V
VIN = 100mV p-p
RL = 10kΩ
OS+
OS–
Figure 29. Small Signal Overshoot vs. Load Capacitance
80
70
60
50
40
30
20
10
0
10
100
1k
VSY = 16V
VIN = 100mV p-p
RL = 10kΩ
OS+
OS–
CAPACITANCE (pF)
Figure 32. Small Signal Overshoot vs. Load Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com