Electronic Components Datasheet Search
  English  ▼

X  

AD8541 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8541
Description  16 V, 1 MHz, CMOS Rail-to-Rail Input/Output Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8541 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8541 Datasheet HTML 11Page - Analog Devices AD8541 Datasheet HTML 12Page - Analog Devices AD8541 Datasheet HTML 13Page - Analog Devices AD8541 Datasheet HTML 14Page - Analog Devices AD8541 Datasheet HTML 15Page - Analog Devices AD8541 Datasheet HTML 16Page - Analog Devices AD8541 Datasheet HTML 17Page - Analog Devices AD8541 Datasheet HTML 18Page - Analog Devices AD8541 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
ADA4665-2
Rev. 0 | Page 15 of
20
APPLICATIONS INFORMATION
RAIL-TO-RAIL INPUT OPERATION
The ADA4665-2 is a unity-gain stable CMOS operational
amplifier designed with rail-to-rail input/output swing
capability to optimize performance. The rail-to-rail input
feature is vital to maintain the wide dynamic input voltage
range and to maximize signal swing to both supply rails. For
example, the rail-to-rail input feature is extremely useful in
buffer applications where the input voltage must cover both
the supply rails.
The input stage has two input differential pairs, nMOS and
pMOS. When the input common-mode voltage is at the low
end of the input voltage range, the pMOS input differential pair
is active and amplifies the input signal. As the input common-
mode voltage is slowly increased, the pMOS differential pair
gradually turns off while the nMOS input differential pair turns
on. This transition is inherent to all rail-to-rail input amplifiers
that use the dual differential pairs topology. For the ADA4665-2,
this transition occurs approximately 1 V away from the positive
rail and results in a change in offset voltage due to the different
offset voltages of the differential pairs (see Figure 5 and Figure 8).
CURRENT SHUNT SENSOR
Many applications require the sensing of signals near the
positive or the negative rails. Current shunt sensors are one
such application and are mostly used for feedback control
systems. They are also used in a variety of other applications,
including power metering, battery fuel gauging, and feedback
controls in electrical power steering. In such applications, it is
desirable to use a shunt with very low resistance to minimize
the series voltage drop. This not only minimizes wasted power,
but also allows the measurement of high currents while saving
power. The ADA4665-2 provides a low cost solution for
implementing current shunt sensors.
Figure 55 shows a low-side current sensing circuit, and Figure 56
shows a high-side current sensing circuit using the ADA4665-2.
A typical shunt resistor of 0.1 Ω is used. In these circuits, the
difference amplifier amplifies the voltage drop across the shunt
resistor by a factor of 100. For true difference amplification,
matching of the resistor ratio is very important, where R1/R2 =
R3/R4. The rail-to-rail feature of the ADA4665-2 allows the
output of the op amp to almost reach 16 V (the power supply of
the op amp). This allows the current shunt sensor to sense up to
approximately 1.6 A of current.
1/2
ADA4665-2
16V
RL
R2
1MΩ
R1
10kΩ
RS
0.1Ω
R4
1MΩ
R3
10kΩ
VOUT*
*VOUT = AMPLIFIER GAIN × VOLTAGE ACROSS RS
= 100 × RS × I
= 10 × I
I
16V
SUPPLY
I
Figure 55. Low-Side Current Sensing Circuit
1/2
ADA4665-2
16V
RL
R4
1MΩ
R3
10kΩ
RS
0.1Ω
R2
1MΩ
R1
10kΩ
I
16V
SUPPLY
I
VOUT*
*VOUT = AMPLIFIER GAIN × VOLTAGE ACROSS RS
= 100 × RS × I
= 10 × I
Figure 56. High-Side Current Sensing Circuit
ACTIVE FILTERS
The ADA4665-2 is well suited for active filter designs. An active
filter requires an op amp with a unity-gain bandwidth at least
100 times greater than the product of the corner frequency, fc,
and the quality factor, Q. An example of an active filter is the
Sallen-Key, one of the most widely used filter topologies. This
topology gives the user the flexibility of implementing either
a low-pass or a high-pass filter by simply interchanging the
resistors and capacitors. To achieve the desired performance,
1% or better component tolerances are usually required.
Figure 57 shows a two-pole low-pass filter. It is configured as a
unity-gain filter with cutoff frequency at 10 kHz. Resistor and
capacitor values are chosen to give a quality factor, Q, of 1/√2
for a Butterworth filter, which has maximally flat pass-band
frequency response. Figure 58 shows the frequency response of
the low-pass Sallen-Key filter. The response falls off at a rate of
40 dB per decade after the cutoff frequency of 10 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com