Electronic Components Datasheet Search
  English  ▼

X  

AD8663 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8663
Description  16 V, 1 MHz, CMOS Rail-to-Rail Input/Output Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8663 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8663 Datasheet HTML 8Page - Analog Devices AD8663 Datasheet HTML 9Page - Analog Devices AD8663 Datasheet HTML 10Page - Analog Devices AD8663 Datasheet HTML 11Page - Analog Devices AD8663 Datasheet HTML 12Page - Analog Devices AD8663 Datasheet HTML 13Page - Analog Devices AD8663 Datasheet HTML 14Page - Analog Devices AD8663 Datasheet HTML 15Page - Analog Devices AD8663 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ADA4665-2
Rev. 0 | Page 12 of 2
0
TA = 25°C, unless otherwise noted.
VSY = ±2.5V
TIME (20µs/DIV)
–3
150
100
50
0
0
–1
–2
INPUT
OUTPUT
Figure 39. Negative Overload Recovery
+5mV
–5mV
0
TIME (2µs/DIV)
INPUT
OUTPUT
VSY = 5V
RL = 2kΩ
CL = 50pF
ERROR
BAND
Figure 40. Negative Settling Time to 0.1%
+5mV
–5mV
0
TIME (2µs/DIV)
INPUT
OUTPUT
VSY = 5V
RL = 2kΩ
CL = 50pF
ERROR
BAND
Figure 41. Positive Settling Time to 0.1%
VSY = ±8V
TIME (20µs/DIV)
150
100
50
0
0
–5
–10
INPUT
OUTPUT
Figure 42. Negative Overload Recovery
TIME (2µs/DIV)
+5mV
–5mV
0
INPUT
OUTPUT
VSY = 16V
RL = 2kΩ
CL = 50pF
ERROR
BAND
Figure 43. Negative Settling Time to 0.1%
INPUT
+5mV
–5mV
0
TIME (2µs/DIV)
OUTPUT
ERROR
BAND
VSY = 16V
RL = 2kΩ
CL = 50pF
Figure 44. Positive Settling Time to 0.1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com