Electronic Components Datasheet Search
  English  ▼

X  

AD8663 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8663
Description  16 V, 1 MHz, CMOS Rail-to-Rail Input/Output Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8663 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8663 Datasheet HTML 9Page - Analog Devices AD8663 Datasheet HTML 10Page - Analog Devices AD8663 Datasheet HTML 11Page - Analog Devices AD8663 Datasheet HTML 12Page - Analog Devices AD8663 Datasheet HTML 13Page - Analog Devices AD8663 Datasheet HTML 14Page - Analog Devices AD8663 Datasheet HTML 15Page - Analog Devices AD8663 Datasheet HTML 16Page - Analog Devices AD8663 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADA4665-2
Rev. 0 | Page 13 of
100
10
100
1k
10k
100k
FREQUENCY (Hz)
20
TA = 25°C, unless otherwise noted.
VSY = 5V
100
10
100
1k
10k
100k
FREQUENCY (Hz)
Figure 45. Voltage Noise Density vs. Frequency
TIME (2s/DIV)
VSY = 5V
Figure 46. 0.1 Hz to 10 Hz Noise
900
800
700
600
500
400
300
200
100
0
0
2
4
6
8
10
12
14
16
SUPPLY VOLTAGE (V)
+85°C
+25°C
–40°C
+125°C
Figure 47. Supply Current vs. Supply Voltage
VSY = 16V
Figure 48. Voltage Noise Density vs. Frequency
VSY = 16V
TIME (2s/DIV)
Figure 49. 0.1 Hz to 10 Hz Noise
900
800
700
600
500
400
300
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VSY = 16V
VSY = 5V
Figure 50. Supply Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com