Electronic Components Datasheet Search
  English  ▼

X  

ADL5567 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5567
Description  4.3 GHz, Ultrahigh Dynamic Range, Dual Differential Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5567 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL5567 Datasheet HTML 3Page - Analog Devices ADL5567 Datasheet HTML 4Page - Analog Devices ADL5567 Datasheet HTML 5Page - Analog Devices ADL5567 Datasheet HTML 6Page - Analog Devices ADL5567 Datasheet HTML 7Page - Analog Devices ADL5567 Datasheet HTML 8Page - Analog Devices ADL5567 Datasheet HTML 9Page - Analog Devices ADL5567 Datasheet HTML 10Page - Analog Devices ADL5567 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Data Sheet
ADL5567
Rev. A | Page 7 of 23
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VIP1
NC
NC
VIP2
VIN2
VON2
VOP2
NC
NC
VOP1
VON1
VIN1
2
1
3
4
5
6
18
17
16
15
14
13
NOTES
1. NC = NO CONNECT. THESE PINS SHOULD BE
CONNECTED TO GROUND.
2. THE EXPOSED PAD IS INTERNALLY CONNECTED TO
GND AND MUST BE SOLDERED TO A LOW IMPEDANCE
GROUND PLANE.
ADL5567
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VIN1
Negative Side of Balanced Differential Inputs for Amplifier 1. This pin is biased to VVCC1/2, and is typically ac-coupled.
2
VIP1
Positive Side of Balanced Differential Inputs for Amplifier 1. This pin is biased to VVCC1/2, and is typically ac-coupled.
3, 4, 7, 12, 15,
16, 19, 24
NC
No Functional Connection. Connect these pins to ground.
5
VIP2
Positive Side of Balanced Differential Inputs for Amplifier 2. This pin is biased to VVCC2/2, and is typically ac-coupled.
6
VIN2
Negative Side of Balanced Differential Inputs for Amplifier 2. This pin is biased to VVCC2/2, and is typically ac-coupled.
8
PM2
Power Mode Control for Amplifier 2. This pin is internally pulled down to GND through a 30 kΩ resistor. A logic low on
this pin sets the device to high performance mode, and a logic high (2.1 V < VPM2 < 3.3 V) sets the device to low
power mode.
9
ENBL2
Enable for Amplifier 2. This pin is internally pulled up to about 2.8 V. A logic high on this pin (2.1 V < VENBL2 < 3.3 V)
enables the device.
10
VCOM2
Common-Mode Voltage. A voltage applied to this pin sets the common-mode voltage of the inputs and outputs of
Amplifier 2. If left open, VVCOM2 = VCC2/2. Decouple this pin to ground with a 0.1 µF capacitor.
11
VCC2
Positive Supply for Amplifier 2.
13
VON2
Negative Side of Balanced Differential Outputs for Amplifier 2. This pin is biased to VVCOM2, and is typically ac-coupled.
14
VOP2
Positive Side of Balanced Differential Outputs for Amplifier 2. This pin is biased to VVCOM2, and is typically ac-coupled.
17
VOP1
Positive Side of Balanced Differential Outputs for Amplifier 1. This pin is biased to VVCOM1, and is typically ac-coupled.
18
VON1
Negative Side of Balanced Differential Outputs for Amplifier 1. This pin is biased to VVCOM1, and is typically ac-coupled.
20
VCC1
Positive Supply for Amplifier 1.
21
VCOM1
Common-Mode Voltage. A voltage applied to this pin sets the common-mode voltage of the inputs and outputs of
Amplifier 1. If left open, VVCOM1 = VCC1/2. Decouple this pin ground with a 0.1 µF capacitor.
22
ENBL1
Enable for Amplifier 1. This pin is internally pulled up to about 2.8 V. A logic high on this pin (2.1 V < VENBL1 < 3.45 V)
enables the device.
23
PM1
Power Mode Control for Amplifier 1. This pin is internally pulled down to GND through a 30 kΩ resistor. A logic low on this
pin sets the device to high performance mode, and a logic high (2.1 V < VPM1 < 3.45 V) sets the device to low power mode.
EP
GND
Exposed Pad. The exposed pad is internally connected to GND and must be soldered to a low impedance ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com