Electronic Components Datasheet Search
  English  ▼

X  

ADL5567 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5567
Description  4.3 GHz, Ultrahigh Dynamic Range, Dual Differential Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5567 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5567 Datasheet HTML 7Page - Analog Devices ADL5567 Datasheet HTML 8Page - Analog Devices ADL5567 Datasheet HTML 9Page - Analog Devices ADL5567 Datasheet HTML 10Page - Analog Devices ADL5567 Datasheet HTML 11Page - Analog Devices ADL5567 Datasheet HTML 12Page - Analog Devices ADL5567 Datasheet HTML 13Page - Analog Devices ADL5567 Datasheet HTML 14Page - Analog Devices ADL5567 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Data Sheet
ADL5567
Rev. A | Page 11 of 23
–120
–100
–80
–60
–40
–20
0
–6
–4
–2
0
2
4
6
8
10
POUT PER TONE (dBm)
5V HP, 25°C
3.3V LP, 25°C
Figure 21. IMD3 vs. POUT per Tone for 3.3 V LP Mode and 5 V HP Modes
0.5
1.0
1.5
2.0
3.0
2.5
VCOM (V)
–120
–100
–80
–60
–40
–20
0
5V HP, HD2
5V HP, HD3
3.3V LP, HD2
3.3 LP, HD3
Figure 22. Harmonic Distortion (HD2 and HD3) vs. VCOM for VS = 5 V,
High Performance Mode and VS = 3.3 V, Low Power Mode
–120
–100
–80
–60
–40
–20
0
0
0.5
1.0
1.5
2.0
2.5
3.0
VCOM (V)
5V HP
3.3V LP
Figure 23. IMD3 vs. VCOM for 3.3 V LP Mode and 5 V HP Mode
–120
–100
–80
–60
–40
–20
0
0.12
0.13
0.14
0.15
0.16
0.17
ISUPPLY (A)
3.3V HP
5V HP
Figure 24. IMD3 vs. Supply Current (ISUPPLY) Distribution, 200 MHz, VS = 5 V
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
0
100
200
300
400
500
600
700
800
900 1000
FREQUENCY (MHz)
DUT 1, CH 1, HD2
DUT 1, CH 1, HD3
DUT 1, CH 2, HD2
DUT 1, CH 2, HD3
DUT 2, CH 1, HD2
DUT 2, CH 1, HD3
DUT 2, CH 2, HD2
DUT 2, CH 2, HD3
Figure 25. HD2 and HD3 vs. Frequency for VS = 2.8 V, LP Mode (Two Devices)
C4 500mV/DIV
50Ω
25GS/s 4ps/pt
A CH4
1.64V
M1 200mV 2.0ns
B
W
M1
4
Figure 26. Disable Time Response, VS = 3.3 V, Low Power Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com