Electronic Components Datasheet Search
  English  ▼

X  

TDA9610 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # TDA9610
Description  Audio FM processor for VHS hi-fi audio
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9610 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button TDA9610 Datasheet HTML 10Page - NXP Semiconductors TDA9610 Datasheet HTML 11Page - NXP Semiconductors TDA9610 Datasheet HTML 12Page - NXP Semiconductors TDA9610 Datasheet HTML 13Page - NXP Semiconductors TDA9610 Datasheet HTML 14Page - NXP Semiconductors TDA9610 Datasheet HTML 15Page - NXP Semiconductors TDA9610 Datasheet HTML 16Page - NXP Semiconductors TDA9610 Datasheet HTML 17Page - NXP Semiconductors TDA9610 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
1995 Mar 21
14
Philips Semiconductors
Product specification
Audio FM processor for VHS hi-fi audio
TDA9610H
Function byte
Table 15 Bits of function byte
Table 16 Bits HSL, HSR and HSF; note 1
Notes
1. Normally (bit HSF set LOW) the headphone outputs carry the same audio signal as present at the line outputs
(LINEL and LINER), so the signal is selectable by means of the bits SAOL, SAOR and SAON. However, when bit
HSF is set HIGH the headphone output has its own output select function switchable with bits HSL and HSR.
a) These special headphone selections are also active for the VU meter drive during playback.
2. HSF from select byte.
Table 17 Bit XS
BIT
DESCRIPTION
HSL
Headphone Select Left; see Table 16
HSR
Headphone Select Right; see Table 16
XS
auxiliary Switch; see Table 17
TEST
Test; see Table 18
HSL
HSR
HSF(2)
MODE
DESCRIPTION
1
1
0
outsel
headphone output signal identical to LINEL and LINER
1
0
0
outsel
headphone output signal identical to LINEL and LINER
0
1
0
outsel
headphone output signal identical to LINEL and LINER
0
0
0
outsel
headphone output signal identical to LINEL and LINER [por]
1
1
1
stereo
left at HPOUTL, right at HPOUTR
1
0
1
left
left at both HPOUTL and HPOUTR
0
1
1
right
right at both HPOUTL and HPOUTR
0
0
1
normal
normal (is linear audio) at both HPOUTL and HPOUTR
XS
MODE
DESCRIPTION
0
−
XS output LOW [por]
1
XS
XS output HIGH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com