Electronic Components Datasheet Search
  English  ▼

X  

TDA9610 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # TDA9610
Description  Audio FM processor for VHS hi-fi audio
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9610 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button TDA9610 Datasheet HTML 11Page - NXP Semiconductors TDA9610 Datasheet HTML 12Page - NXP Semiconductors TDA9610 Datasheet HTML 13Page - NXP Semiconductors TDA9610 Datasheet HTML 14Page - NXP Semiconductors TDA9610 Datasheet HTML 15Page - NXP Semiconductors TDA9610 Datasheet HTML 16Page - NXP Semiconductors TDA9610 Datasheet HTML 17Page - NXP Semiconductors TDA9610 Datasheet HTML 18Page - NXP Semiconductors TDA9610 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
1995 Mar 21
15
Philips Semiconductors
Product specification
Audio FM processor for VHS hi-fi audio
TDA9610H
Table 18 Bits TEST, HSL, HSR and XS; note 1
Notes
1. X = don’t care.
2. With TEST bit set HIGH, the IC can be switched between several special modes for testing and adjustment purposes,
by means of bits HSL and HSR.
Record volume left and right byte
Table 19 Record volume left/right byte; note 1
TEST(2)
HSL
HSR
XS
MODE
DESCRIPTION
00
0
0
−
[por]
0X
X
X
−
10
0
X
−
1
1
0
0
VCO test L
in record mode; only 1.4 or 1.3 MHz at output
1
0
1
0
VCO test R
in record mode; only 1.8 or 1.7 MHz at output
1
1
1
0
Test
not for application
1
1
0
1
Test
not for application
1
0
1
1
Test
not for application
1
1
1
1
Test
not for application
VL5
VL4
VL3
VL2
VL1
VL0
MUTE(2)
MODE
VR5
VR4
VR3
VR2
VR1
VR0
1100011
mute [por]
X
X
X
X
X
X
1
mute
0000000
mute
0000010
−48 dB
0000100
−47 dB
0000110
−46 dB
0001000
−45 dB
0001010
−44 dB
0001100
−43 dB
0001110
−42 dB
0010000
−41 dB
0010010
−40 dB
0010100
−39 dB
0010110
−38 dB
0011000
−37 dB
0011010
−36 dB
0011100
−35 dB
0011110
−34 dB
0100000
−33 dB
0100010
−32 dB
0100100
−31 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com