Electronic Components Datasheet Search
  English  ▼

X  

TDA9725 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # TDA9725
Description  Y/C automatic adjustment processor VHS standard
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9725 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button TDA9725 Datasheet HTML 13Page - NXP Semiconductors TDA9725 Datasheet HTML 14Page - NXP Semiconductors TDA9725 Datasheet HTML 15Page - NXP Semiconductors TDA9725 Datasheet HTML 16Page - NXP Semiconductors TDA9725 Datasheet HTML 17Page - NXP Semiconductors TDA9725 Datasheet HTML 18Page - NXP Semiconductors TDA9725 Datasheet HTML 19Page - NXP Semiconductors TDA9725 Datasheet HTML 20Page - NXP Semiconductors TDA9725 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
1996 Oct 14
17
Philips Semiconductors
Product specification
Y/C automatic adjustment processor
(VHS standard)
TDA9725
PLAYBACK MODE
VoPB(p-p)
playback output voltage
(peak-to-peak value)
video/sync = 7/3; nominal FM
signal; RL = 2.1 kΩ; test: EE
without ME, MDE, peaking, YNR
2.03
2.14
2.25
V
∆VoPB(p-p)
playback output voltage
level stability
(peak-to-peak value)
∆VCC = ±0.25 V or
Tamb = −10 to +70 °C
−40
−
+40
mV
VNC
white noise clip level
black-to-white = 100%; TRICK
115
135
150
%
∆Vos
offset voltage between
DOC mode and normal
mode
−25
−
+25
mV
α
ct
DOC switch crosstalk
0 dB = 2.0 V (p-p); fi = 1 MHz
−−−40
dB
tatt
attack time of switching to
DOC mode from normal
mode
−
0.7
1.0
µs
trec
recovery time of switching
to normal mode from DOC
mode
4.0
5.0
6.0
µs
Vo(p-p)
chrominance output
voltage
(peak-to-peak value)
V30 = 110 mV (p-p)
1.0
1.2
1.4
V
∆GCHROM
chrominance frequency
response
Vi =V39; fi =5to1MHz
−2
−
+2
dB
VERTICAL SYNCHRONIZATION PULSE/CHARACTER INSERT (RECORD AND PLAYBACK MODES)
∆VST
artificial sync tip level
voltage offset
V42 = 0 to 5 V; playback mode
−50
0
+50
mV
∆Vbl(p-p)
artificial black level voltage
(peak-to-peak value)
V42 = 5 to 3 V
0.58
0.68
0.78
V
∆V
wh(p-p)
artificial white level voltage
(peak-to-peak value)
V42 = 5 to 2 V
1.7
1.9
2.05
V
αVIDEO
suppression of video at
character insert
40
−−
dB
NON-LINEAR DE-EMPHASIS (PLAYBACK MODE); note 7
S1
response S1
−20 dB; fi = 500 kHz; SP
−2.9
−1.9
−0.9
dB
S2
response S2
−20 dB; fi = 2 MHz; SP
−6.5
−5.0
−3.5
dB
L1
response L1
−20 dB; fi = 500 kHz; LP
−6.5
−4.8
−3.0
dB
L2
response L2
−20 dB; f
i = 2 MHz; LP
−10.2
−8.4
−6.7
dB
L3
response L3
0 dB; fi = 2 MHz; LP
−4.8
−3.2
−1.8
dB
NOISE CANCELLER (PLAYBACK MODE); note 8
NC1
response NC1
−30 dB; f
i = 1 MHz; NORMAL
−5.5
−3.5
−1.4
dB
NC2
response NC2
−30 dB; fi = 2 MHz; NORMAL
−15.0
−11.6
−8.0
dB
NC4
response NC4
0 dB; fi = 2 MHz; NORMAL
−1.3
−0.3
+0.7
dB
NCED
response NCEDIT
−30 dB; f
i = 2 MHz; EDIT
−5.0
−3.4
−1.8
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com