Electronic Components Datasheet Search
  English  ▼

X  

TDA9725 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA9725
Description  Y/C automatic adjustment processor VHS standard
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9725 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA9725 Datasheet HTML 1Page - NXP Semiconductors TDA9725 Datasheet HTML 2Page - NXP Semiconductors TDA9725 Datasheet HTML 3Page - NXP Semiconductors TDA9725 Datasheet HTML 4Page - NXP Semiconductors TDA9725 Datasheet HTML 5Page - NXP Semiconductors TDA9725 Datasheet HTML 6Page - NXP Semiconductors TDA9725 Datasheet HTML 7Page - NXP Semiconductors TDA9725 Datasheet HTML 8Page - NXP Semiconductors TDA9725 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
1996 Oct 14
2
Philips Semiconductors
Product specification
Y/C automatic adjustment processor
(VHS standard)
TDA9725
FEATURES
• Automatic adjustment by control loops
• Integrated filters
• Simple SVHS playback
• Colour sequence correction for long-play still mode
• Automatic gain control for FM.
GENERAL DESCRIPTION
The TDA9725 is an integrated circuit for chrominance and
luminance processing (record and playback) in VHS tape
recorders for PAL, SECAM/ME and NTSC systems
(4.43 MHz playback only) with internal filter and without
adjustments.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCC
supply voltage
4.5
5.0
5.5
V
ICC
supply current
VCC = 5 V; playback
140
170
200
mA
Vi(p-p)
video input voltage; CVBS signal
(peak-to-peak value)
0.6
1.0
2.0
V
VoREC(p-p)
video output record voltage
(peak-to-peak value)
video/sync = 7/3
2.03
2.14
2.25
V
VoPB(p-p)
video output playback voltage
(peak-to-peak value)
video/sync = 7/3;
nominal FM signal
2.03
2.14
2.25
V
ViFM(p-p)
FM input voltage (peak-to-peak value)
FM AGC active
63
200
632
mV
VoFM(p-p)
FM output voltage (peak-to-peak value)
RL =1kΩ
0.7
0.9
1.1
V
VCFT(p-p)
chrominance input voltage (+FM) from tape
(peak-to-peak value)
11
110
310
mV
VCTT(p-p)
chrominance output voltage to tape
(peak-to-peak value)
467
660
932
mV
Tstg
storage temperature
−25
−
+150
°C
Tamb
operating ambient temperature
−20
−
+70
°C
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA9725
SDIP52
plastic shrink dual in-line package; 52 leads (600 mil)
SOT247-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com