Electronic Components Datasheet Search
  English  ▼

X  

TDA9800 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA9800
Description  VIF-PLL demodulator and FM-PLL detector
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9800 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA9800 Datasheet HTML 9Page - NXP Semiconductors TDA9800 Datasheet HTML 10Page - NXP Semiconductors TDA9800 Datasheet HTML 11Page - NXP Semiconductors TDA9800 Datasheet HTML 12Page - NXP Semiconductors TDA9800 Datasheet HTML 13Page - NXP Semiconductors TDA9800 Datasheet HTML 14Page - NXP Semiconductors TDA9800 Datasheet HTML 15Page - NXP Semiconductors TDA9800 Datasheet HTML 16Page - NXP Semiconductors TDA9800 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
July 1994
13
Philips Semiconductors
Preliminary specification
VIF-PLL demodulator and FM-PLL detector
TDA9800
Table 1
Input frequencies and carrier ratios.
B/G STANDARD
M/N STANDARD
M STANDARD
UNIT
picture carrier
fPC
38.9
45.75
58.75
MHz
sound carrier
fSC
33.4
41.25
54.25
MHz
picture to sound carrier ratio
SC
13
7
7
dB
TDA9800
2
34
5
6
7
8
9
10
11
1
20
19
18
17
16
(1)
15
14
13
12
2.2
µF
390
Ω
0.1
µF
takeover
point
13 k
Ω
Vo AF
CVBS
2 V (p-p)
sound
mute
2.2
µF
10 nF
VP = 5 V (9 V)
AFC
tuner AGC
1 V (p-p)
10
µF
22 k
Ω
video and intercarrier
0.1
µF
560
Ω
330
Ω
vision
IF
1:1
50
Ω
n.c.
MED331
22 k
Ω
see
table
(62 k
Ω)
(62 k
Ω)
Vi VIF1
Vi VIF2
CCS
TOP
MUTE
TPLL
Vo CVBS
Vo AF
CAF
Vi IC
TAGC
Vo(vid)
Vi(vid)
AFC
VCO2
VCO1
GND
CAGC
VP
Fig.3 Test circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com