Electronic Components Datasheet Search
  English  ▼

X  

TDA9800 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA9800
Description  VIF-PLL demodulator and FM-PLL detector
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9800 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA9800 Datasheet HTML 14Page - NXP Semiconductors TDA9800 Datasheet HTML 15Page - NXP Semiconductors TDA9800 Datasheet HTML 16Page - NXP Semiconductors TDA9800 Datasheet HTML 17Page - NXP Semiconductors TDA9800 Datasheet HTML 18Page - NXP Semiconductors TDA9800 Datasheet HTML 19Page - NXP Semiconductors TDA9800 Datasheet HTML 20Page - NXP Semiconductors TDA9800 Datasheet HTML 21Page - NXP Semiconductors TDA9800 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
July 1994
18
Philips Semiconductors
Preliminary specification
VIF-PLL demodulator and FM-PLL detector
TDA9800
Fig.13 Front end level diagram.
(1) depends on TOP
handbook, full pagewidth
20
40
60
80
100
120
VHF/UHF
IF
IF amplifier, demodulator
and video
tuner
SAW filter
TDA9800
video
1 V (p-p)
IF gain range
64 (
<70) dB
0.66
× 10−1
10−3
TOP
6 dB IF slip
antenna input
(dB
µV)
40 dB
RF gain
64 dB
IF AGC
10−2
10−1
IF signals
(RMS value)
(V)
(1)
tuner gain
control range
MED341
0.66
× 10−3
0.66
× 10−4
0.66
× 10−5
10−4
10−5
SAW insertion
loss 20 dB
SAW insertion
loss 20 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com