Electronic Components Datasheet Search
  English  ▼

X  

M30302GDPGP Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # M30302GDPGP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30302GDPGP Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button M30302GDPGP Datasheet HTML 19Page - Renesas Technology Corp M30302GDPGP Datasheet HTML 20Page - Renesas Technology Corp M30302GDPGP Datasheet HTML 21Page - Renesas Technology Corp M30302GDPGP Datasheet HTML 22Page - Renesas Technology Corp M30302GDPGP Datasheet HTML 23Page - Renesas Technology Corp M30302GDPGP Datasheet HTML 24Page - Renesas Technology Corp M30302GDPGP Datasheet HTML 25Page - Renesas Technology Corp M30302GDPGP Datasheet HTML 26Page - Renesas Technology Corp M30302GDPGP Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 57 page
background image
M16C/30P Group
5. Electrical Characteristics
Rev.1.22
Mar 30, 2007
Page 23 of 53
REJ03B0088-0122
5.
Electrical Characteristics
Table 5.1
Absolute Maximum Ratings
Symbol
Parameter
Condition
Rated Value
Unit
VCC
Supply Voltage(VCC1=VCC2)VCC1=VCC2=AVCC
−0.3 to 6.5
V
AVCC
Analog Supply Voltage
VCC1=VCC2=AVCC
−0.3 to 6.5
V
VI
Input Voltage
RESET, CNVSS, BYTE,
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_2 to P7_7, P8_0 to P8_7,
P9_0 to P9_7, P10_0 to P10_7,
VREF, XIN
−0.3 to VCC+0.3
V
P7_0, P7_1
−0.3 to 6.5
V
VO
Output
Voltage
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_2 to P7_7, P8_0 to P8_4,
P8_6, P8_7, P9_0 to P9_7, P10_0 to P10_7,
XOUT
−0.3 to VCC+0.3
V
P7_0, P7_1
−0.3 to 6.5
V
Pd
Power Dissipation
−40°C<Topr≤85°C
300
mW
Topr
Operating
Ambient
Temperature
When the Microcomputer is Operating
−20 to 85 / −40 to 85
°C
One Time Flash Program Erase
0 to 60
Flash Program Erase
0 to 60
Tstg
Storage Temperature
−65 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com