Electronic Components Datasheet Search
  English  ▼

X  

M30302GDPGP Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # M30302GDPGP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30302GDPGP Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button M30302GDPGP Datasheet HTML 28Page - Renesas Technology Corp M30302GDPGP Datasheet HTML 29Page - Renesas Technology Corp M30302GDPGP Datasheet HTML 30Page - Renesas Technology Corp M30302GDPGP Datasheet HTML 31Page - Renesas Technology Corp M30302GDPGP Datasheet HTML 32Page - Renesas Technology Corp M30302GDPGP Datasheet HTML 33Page - Renesas Technology Corp M30302GDPGP Datasheet HTML 34Page - Renesas Technology Corp M30302GDPGP Datasheet HTML 35Page - Renesas Technology Corp M30302GDPGP Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 57 page
background image
M16C/30P Group
5. Electrical Characteristics
Rev.1.22
Mar 30, 2007
Page 32 of 53
REJ03B0088-0122
VCC1=VCC2=5V
Timing Requirements
(VCC1 = VCC2 = 5V, VSS = 0V, at Topr =
−20 to 85°C / −40 to 85°C unless otherwise specified)
Table 5.13
Timer A Input (Counter Input in Event Counter Mode)
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TA)
TAiIN Input Cycle Time
100
ns
tw(TAH)
TAiIN Input HIGH Pulse Width
40
ns
tw(TAL)
TAiIN Input LOW Pulse Width
40
ns
Table 5.14
Timer A Input (Gating Input in Timer Mode)
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TA)
TAiIN Input Cycle Time
400
ns
tw(TAH)
TAiIN Input HIGH Pulse Width
200
ns
tw(TAL)
TAiIN Input LOW Pulse Width
200
ns
Table 5.15
Timer A Input (External Trigger Input in One-shot Timer Mode)
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TA)
TAiIN Input Cycle Time
200
ns
tw(TAH)
TAiIN Input HIGH Pulse Width
100
ns
tw(TAL)
TAiIN Input LOW Pulse Width
100
ns
Table 5.16
Timer A Input (External Trigger Input in Pulse Width Modulation Mode)
Symbol
Parameter
Standard
Unit
Min.
Max.
tw(TAH)
TAiIN Input HIGH Pulse Width
100
ns
tw(TAL)
TAiIN Input LOW Pulse Width
100
ns
Table 5.17
Timer A Input (Counter Increment/Decrement Input in Event Counter Mode)
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(UP)
TAiOUT Input Cycle Time
2000
ns
tw(UPH)
TAiOUT Input HIGH Pulse Width
1000
ns
tw(UPL)
TAiOUT Input LOW Pulse Width
1000
ns
tsu(UP-TIN)
TAiOUT Input Setup Time
400
ns
th(TIN-UP)
TAiOUT Input Hold Time
400
ns
Table 5.18
Timer A Input (Two-phase Pulse Input in Event Counter Mode)
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TA)
TAiIN Input Cycle Time
800
ns
tsu(TAIN-TAOUT)
TAiOUT Input Setup Time
200
ns
tsu(TAOUT-TAIN)
TAiIN Input Setup Time
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com