Electronic Components Datasheet Search
  English  ▼

X  

M30302GGPFP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M30302GGPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30302GGPFP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M30302GGPFP Datasheet HTML 1Page - Renesas Technology Corp M30302GGPFP Datasheet HTML 2Page - Renesas Technology Corp M30302GGPFP Datasheet HTML 3Page - Renesas Technology Corp M30302GGPFP Datasheet HTML 4Page - Renesas Technology Corp M30302GGPFP Datasheet HTML 5Page - Renesas Technology Corp M30302GGPFP Datasheet HTML 6Page - Renesas Technology Corp M30302GGPFP Datasheet HTML 7Page - Renesas Technology Corp M30302GGPFP Datasheet HTML 8Page - Renesas Technology Corp M30302GGPFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 57 page
background image
M16C/30P Group
1. Overview
Rev.1.22
Mar 30, 2007
Page 2 of 53
REJ03B0088-0122
1.2
Performance Outline
Table 1.1 lists Performance Outline of M16C/30P Group.
NOTES:
1. I2C bus is a registered trademark of Koninklijke Philips Electronics N. V.
2. IEBus is a registered trademark of NEC Electronics Corporation.
3. Use the M16C/30P on VCC1 = VCC2.
Table 1.1
Performance Outline of M16C/30P Group
Item
Performance
CPU
Number of Basic Instructions 91 instructions
Minimum Instruction
Execution Time
62.5ns(f(XIN)=16MHz, VCC1=VCC2=3.0 to 5.5V, no wait)
100ns(f(XIN)=10MHz, VCC1=VCC2=2.7 to 5.5V, no wait)
Operation Mode
Single-chip, memory expansion and microprocessor
mode
Memory Space
1 Mbyte
Memory Capacity
See Table 1.2 Product List
Peripheral
Function
Port
Input/Output : 87 pins, Input : 1 pin
Multifunction Timer
Timer A : 16 bits x 3 channels,
Timer B : 16 bits x 3 channels
Serial Interface
1 channels
Clock synchronous, UART, I2CBus(1), IEBus(2)
2 channels
Clock synchronous, UART, I2CBus(1)
A/D Converter
10-bit A/D converter: 1 circuit, 18 channels
DMAC
2 channels
CRC Calculation Circuit
CCITT-CRC
Watchdog Timer
15 bits x 1 channel (with prescaler)
Interrupt
Internal: 20 sources, External: 7 sources, Software: 4
sources, Priority level: 7 levels
Clock Generating Circuit
2 circuits
Main clock generation circuit (*),
Subclock generation circuit (*),
(*)Equipped with a built-in feedback resistor.
Electric
Characteristics
Supply Voltage
VCC1=VCC2=3.0 to 5.5 V (f(XIN)=16MHz)
VCC1=VCC2=2.7 to 5.5 V (f(XIN)=10MHz, no wait)
Power Consumption
10 mA (VCC1=VCC2=5V, f(XIN)=16MHz)
8 mA (VCC1=VCC2=3V, f(XIN)=10MHz)
1.8
μA (VCC1=VCC2=3V, f(XCIN)=32kHz, wait mode)
0.7
μA(VCC1=VCC2=3V, stop mode)
One time flash
version
Program Supply Voltage
3.3±0.3 V or 5.0±0.5 V
Flash memory
version
Program/Erase Supply
Voltage
3.3±0.3 V or 5.0±0.5 V
Program and Erase
Endurance
100 times (all area)
Operating Ambient Temperature
-20 to 85
°C, -40 to 85°C
Package
100-pin plastic mold QFP, LQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com