Electronic Components Datasheet Search
  English  ▼

X  

M30302GGPFP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M30302GGPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30302GGPFP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M30302GGPFP Datasheet HTML 1Page - Renesas Technology Corp M30302GGPFP Datasheet HTML 2Page - Renesas Technology Corp M30302GGPFP Datasheet HTML 3Page - Renesas Technology Corp M30302GGPFP Datasheet HTML 4Page - Renesas Technology Corp M30302GGPFP Datasheet HTML 5Page - Renesas Technology Corp M30302GGPFP Datasheet HTML 6Page - Renesas Technology Corp M30302GGPFP Datasheet HTML 7Page - Renesas Technology Corp M30302GGPFP Datasheet HTML 8Page - Renesas Technology Corp M30302GGPFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 57 page
background image
M16C/30P Group
1. Overview
Rev.1.22
Mar 30, 2007
Page 3 of 53
REJ03B0088-0122
1.3
Block Diagram
Figure 1.1 is a M16C/30P Group Block Diagram.
Figure 1.1
M16C/30P Group Block Diagram
Output (timer A): 3
Input (timer B): 3
Internal peripheral functions
Watchdog timer
(15 bits)
DMAC
(2 channels)
Memory
ROM (1)
RAM (2)
A/D converter
(10 bits X 18 channels)
UART or
clock synchronous serial I/O
(3 channels)
System clock
generation circuit
XIN-XOUT
XCIN-XCOUT
M16C/60 series16-bit CPU core
Port P0
8
Port P1
8
Port P2
8
8
8
8
Port P6
8
R0L
R0H
R1H
R1L
R2
R3
A0
A1
FB
SB
ISP
USP
INTB
CRC arithmetic circuit (CCITT )
(Polynomial : X16+X12+X5+1)
Multiplier
NOTES :
1. ROM size depends on microcomputer type.
2. RAM size depends on microcomputer type.
Port P5
Port P4
Port P3
PC
FLG
Timer (16-bit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com