Electronic Components Datasheet Search
  English  ▼

X  

M30302FAPGP Datasheet(PDF) 54 Page - Renesas Technology Corp

Part # M30302FAPGP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30302FAPGP Datasheet(HTML) 54 Page - Renesas Technology Corp

Back Button M30302FAPGP Datasheet HTML 49Page - Renesas Technology Corp M30302FAPGP Datasheet HTML 50Page - Renesas Technology Corp M30302FAPGP Datasheet HTML 51Page - Renesas Technology Corp M30302FAPGP Datasheet HTML 52Page - Renesas Technology Corp M30302FAPGP Datasheet HTML 53Page - Renesas Technology Corp M30302FAPGP Datasheet HTML 54Page - Renesas Technology Corp M30302FAPGP Datasheet HTML 55Page - Renesas Technology Corp M30302FAPGP Datasheet HTML 56Page - Renesas Technology Corp M30302FAPGP Datasheet HTML 57Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 54 / 57 page
background image
C - 1
REVISION HISTORY
M16C/30P Group Datasheet
Rev.
Date
Description
Page
Summary
0.70
Aug 26, 2004
−
First Edition issued
0.80
Mar 18, 2005
−
development support tools -> development tools
−
BCLK -> CPU clock
2
Table 1.1 Performance Outline of M16C/30P Group
Serial interface is revised.
4
Figure 1.2 Type., Memory Size, and Package is partly revised.
8
Table 1.4 Pin Detection (2) is partly revised.
20
Note 2 Table 5.3 A/D Conversion Characteristics is partly revised.
21
Symbol of Table 5.4 Power Supply Circuit Timing Characteristics is partly
revised.
22
Table 5.5 Electrical Characteristics is revised.
28
Table 5.19 Electrical Characteristics is revised.
1.00
Sep 01, 2005
2
Table 1.1 Performance Outline of M16C/30P Group is partly revised.
4
Table 1.2 Product List is partly revised.
Figure 1.2 Type No., Memory Size, and Package is partly revised.
5
Figure 1.3 Pin Configuration is partly revised.
6
Figure 1.4 Pin Configuration is partly revised.
7-8
Tables 1.3 to 1.4 Pin Characteristics are added.
9
Table 1.5 Pin Description is revised.
14
3. Memory is partly revised.
15
Table 4.1 SFR Information is partly revised.
19
Table 4.5 SFR Information is partly revised
21
Table 5.2 Recommended Operating Conditions is partly revised.
22
Table 5.3 A/D Conversion Characteristics is partly revised.
25
Note 1 is added in Table 5.6 External Clock Input (XIN input)
Table 5.7 Memory Expansion Mode and Microprocessor Mode is added.
28
Table 5.20 Memory Expansion Mode and Microprocessor Modes (for
setting with no wait) is added.
Figure 5.2 Ports P0 to P10 Measurement Circuit is added.
29
Table 5.21 Memory Expansion Mode and Microprocessor Modes (for 1- to
3-wait setting and external area access) is added.
32
Figure 5.5 Timing Diagram (3) is added.
33
Figure 5.6 Timing Diagram (4) is added.
34
Figure 5.7 Timing Diagram (5) is added.
36
Note 1 to 4 are added in Table 5.23 External Clock Input (XIN input)
Table 5.24 Memory Expansion Mode and Microprocessor Mode is added.
39
Table 5.37 Memory Expansion Mode and Microprocessor Modes (for
setting with no wait) is added.
Figure 5.8 Ports P0 to P10 Measurement Circuit is added.
40
Table 5.38 Memory Expansion Mode and Microprocessor Modes (for 1- to
3-wait setting and external area access) is added.
43
Figure 5.11 Timing Diagram (3) is added.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com