Electronic Components Datasheet Search
  English  ▼

X  

M30302FAPGP Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # M30302FAPGP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30302FAPGP Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button M30302FAPGP Datasheet HTML 13Page - Renesas Technology Corp M30302FAPGP Datasheet HTML 14Page - Renesas Technology Corp M30302FAPGP Datasheet HTML 15Page - Renesas Technology Corp M30302FAPGP Datasheet HTML 16Page - Renesas Technology Corp M30302FAPGP Datasheet HTML 17Page - Renesas Technology Corp M30302FAPGP Datasheet HTML 18Page - Renesas Technology Corp M30302FAPGP Datasheet HTML 19Page - Renesas Technology Corp M30302FAPGP Datasheet HTML 20Page - Renesas Technology Corp M30302FAPGP Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 57 page
background image
M16C/30P Group
3. Memory
Rev.1.22
Mar 30, 2007
Page 17 of 53
REJ03B0088-0122
3.
Memory
Figure 3.1 is a Memory Map of the M16C/30P group. The address space extends the 1 Mbyte from address 00000h to
FFFFFh.
The internal ROM is allocated in a lower address direction beginning with address FFFFFh. For example, a 64-Kbyte
internal ROM is allocated to the addresses from F0000h to FFFFFh.
The fixed interrupt vector table is allocated to the addresses from FFFDCh to FFFFFh. Therefore, store the start
address of each interrupt routine here.
The internal RAM is allocated in an upper address direction beginning with address 00400h. For example, a 5-Kbyte
internal RAM is allocated to the addresses from 00400h to 017FFh. In addition to storing data, the internal RAM also
stores the stack used when calling subroutines and when interrupts are generated. The SFR is allocated to the addresses
from 00000h to 003FFh. Peripheral function control registers are located here. Of the SFR, any area which has no
functions allocated is reserved for future use and cannot be used by users.
The special page vector table is allocated to the addresses from FFE00h to FFFDBh. This vector is used by the JMPS
or JSRS instruction. For details, refer to the M16C/60 and M16C/20 Series Software Manual.
Figure 3.1
Memory Map
00000h
XXXXXh
External area
Internal ROM
(program area) (5)
SFR
Internal RAM
Reserved area (1)
Reserved area (2, 4)
FFFDCh
NOTES:
1. During memory expansion and microprocessor modes, can be used.
2. In memory expansion mode, can be used.
3. As for the flash memory version, 4-Kbyte space (block A) exists.
4. Shown here is a memory map for the case where the PM10 bit in the PM1 register is “1” .
5. When using the masked ROM version, write nothing to internal ROM area.
6. When the PM13 bit is set to "0", the address of Internal ROM becomes D0000h, and when
the PM13 bit is set to "1", the address becomes C0000h.
Undefined instruction
Overflow
BRK instruction
Address match
Single step
Watchdog timer
Reset
Special page
vector table
DBC
NMI
Reserved area
External area
00400h
10000h
27000h
28000h
D0000h
YYYYYh
FFFFFh
FFE00h
FFFFFh
Internal ROM
(data area) (3, 4)
0FFFFh
0F000h
01BFFh
017FFh
Address XXXXXh
6 Kbytes
5 Kbytes
Size
Address YYYYYh
Size
E8000h
E0000h
128 Kbytes
96 Kbytes
D8000h
160 Kbytes
192 Kbytes
D0000h
Internal RAM
Internal ROM (5)
256 Kbytes
C0000h(6)
033FFh
12 Kbytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com