Electronic Components Datasheet Search
  English  ▼

X  

ELJPC2N2DF Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ELJPC2N2DF
Description  Chip inductors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJPC2N2DF Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ELJPC2N2DF Datasheet HTML 1Page - Panasonic Semiconductor ELJPC2N2DF Datasheet HTML 2Page - Panasonic Semiconductor ELJPC2N2DF Datasheet HTML 3Page - Panasonic Semiconductor ELJPC2N2DF Datasheet HTML 4Page - Panasonic Semiconductor ELJPC2N2DF Datasheet HTML 5Page - Panasonic Semiconductor ELJPC2N2DF Datasheet HTML 6Page - Panasonic Semiconductor ELJPC2N2DF Datasheet HTML 7Page - Panasonic Semiconductor ELJPC2N2DF Datasheet HTML 8Page - Panasonic Semiconductor ELJPC2N2DF Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Chip Inductors
s Explanation of Part Numbers
Japan
E
L
J
F
A
2
2
1
J
F
FB
(Size 4532)
1A
(Size 3225)
1C
(Size 2520)
ND
(Size 2012)
1E
(Size 1608)
RF
(Size 1005)
Chip Inductors
Series:
Chip
Type:
RF,
NC,
FA,
PE,
EA
RE,
NA,
FB,
PC,
ND,
FC,
SA,
PA,
Industrial Property: Patents 6 (incl. pending)
s Features
q
High Q
q
Good for mounting
q
Wide allowable range (1.0 nH to 1000 µH)
s Recommended Applications
q
CTV, VTR, HIC, HDD, FDD, Cordless telephones, Portable telephones
Pagers, Video cameras
Non winding (RF, 1E) and wire wound type chip inductors for automatic mounting and high-density mounting


Similar Part No. - ELJPC2N2DF

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
ELJPC220KF SAMHOP-ELJPC220KF Datasheet
336Kb / 14P
1.2MHz STEP-UP CONVERTER
logo
Panasonic Semiconductor
ELJPC220KF PANASONIC-ELJPC220KF Datasheet
236Kb / 7P
High Power Type PF, PE, PC, PA, PB
ELJPC220KF PANASONIC-ELJPC220KF Datasheet
283Kb / 5P
High Power Types PF, PE, PC, PA, PB
ELJPC220KF PANASONIC-ELJPC220KF Datasheet
134Kb / 7P
Fixed Inductors Chip Inductors
ELJPC220KF PANASONIC-ELJPC220KF Datasheet
220Kb / 10P
Low DCR and large current capability, suitable for power circuitry.
More results

Similar Description - ELJPC2N2DF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
Fixed Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
Inductors Chip Inductors
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
Inductors Chip Inductors
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
Fixed Inductors (Chip Inductors)
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
CHIP COIL(CHIP INDUCTORS) Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com