Electronic Components Datasheet Search
  English  ▼

X  

ELJPC2N2DF Datasheet(PDF) 15 Page - Panasonic Semiconductor

Part # ELJPC2N2DF
Description  Chip inductors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJPC2N2DF Datasheet(HTML) 15 Page - Panasonic Semiconductor

Back Button ELJPC2N2DF Datasheet HTML 7Page - Panasonic Semiconductor ELJPC2N2DF Datasheet HTML 8Page - Panasonic Semiconductor ELJPC2N2DF Datasheet HTML 9Page - Panasonic Semiconductor ELJPC2N2DF Datasheet HTML 10Page - Panasonic Semiconductor ELJPC2N2DF Datasheet HTML 11Page - Panasonic Semiconductor ELJPC2N2DF Datasheet HTML 12Page - Panasonic Semiconductor ELJPC2N2DF Datasheet HTML 13Page - Panasonic Semiconductor ELJPC2N2DF Datasheet HTML 14Page - Panasonic Semiconductor ELJPC2N2DF Datasheet HTML 15Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
Chip Inductors
Cautions for use
For securing upgraded reliability and safety, consider following caution items.
1. Land pattern design
Refer to the recommended land dimensions of each type at flow and reflow solderings.
Avoid placing the chip inductor on any metal pattern except the land because the drop of Q and mutual
conductance may occur.
Provisions for venting of flux gases should be made for high density assemblies.
2. Mounting
Placement force should not exceed 20N because electric and magnetic characteristics change by applying
strong force.
3. Soldering
a Flow soldering
Recommended conditions; 260 ¡C max., 5sec. max.(total time at 2 waves method)
b Reflow soldering
1 Infra-red reflow soldering
Recommended conditions: 200 ¡C or high at electrode, 60sec. max. and peak 250 ¡C max., 5sec. max.
If the solder at the two electrodes are not melt simultaneously, the chip inductor may not be mounted
on the right place.
It is recommended to fix by adhesive when the deviation is great.
2 VPS reflow soldering
Recommended conditions: 215±5 ¡C, 20 to 60sec.
4. Cleaning
1 Do not use acid or alkari agents. Some cleaning solvents out of CFC may damage the products.
Confirm the reliability in advance.
2 If ultrasonic cleaning is employed, please inform us immediately for technical consultation.
5. Instructions for applying current
The rated current is defined as the smaller value of either the current value when the inductance drops
10 % down from the initial point, or the current value when the average temperature of coil inside rises
20 K up from initial point.
Do not operate this coils beyond the specified rated current.
6. Storage
1 Be careful a high temperature, a large amount of moisture, gases and magnetic field.
2 At long storage of more than 1 year, use the products after inspecting the outer structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com