Electronic Components Datasheet Search
  English  ▼

X  

TDA9811 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA9811
Description  Multistandard VIF-PLL with QSS-IF and AM demodulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9811 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA9811 Datasheet HTML 4Page - NXP Semiconductors TDA9811 Datasheet HTML 5Page - NXP Semiconductors TDA9811 Datasheet HTML 6Page - NXP Semiconductors TDA9811 Datasheet HTML 7Page - NXP Semiconductors TDA9811 Datasheet HTML 8Page - NXP Semiconductors TDA9811 Datasheet HTML 9Page - NXP Semiconductors TDA9811 Datasheet HTML 10Page - NXP Semiconductors TDA9811 Datasheet HTML 11Page - NXP Semiconductors TDA9811 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
1998 Feb 09
8
Philips Semiconductors
Product specification
Multistandard VIF-PLL with QSS-IF and
AM demodulator
TDA9811
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Notes
1. IP = 125 mA; Tamb =70 °C; Rth(j-a) = 60 K/W.
2. Machine model class B (L = 2.5
µH).
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP
supply voltage (pin 29)
maximum chip temperature
of 125
°C; note 1
0
7.0
V
Vi
voltage at pins 1 to 9, 11, 12, 19, 22, 23 and
26 to 32
0VP
V
ts(max)
maximum short-circuit time
−
10
s
V19
tuner AGC output voltage
0
13.2
V
Tstg
storage temperature
−25
+150
°C
Tamb
operating ambient temperature
−20
+70
°C
Ves
electrostatic handling voltage
note 2
−300
+300
V
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air
60
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com