Electronic Components Datasheet Search
  English  ▼

X  

TDA9811 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA9811
Description  Multistandard VIF-PLL with QSS-IF and AM demodulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9811 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA9811 Datasheet HTML 14Page - NXP Semiconductors TDA9811 Datasheet HTML 15Page - NXP Semiconductors TDA9811 Datasheet HTML 16Page - NXP Semiconductors TDA9811 Datasheet HTML 17Page - NXP Semiconductors TDA9811 Datasheet HTML 18Page - NXP Semiconductors TDA9811 Datasheet HTML 19Page - NXP Semiconductors TDA9811 Datasheet HTML 20Page - NXP Semiconductors TDA9811 Datasheet HTML 21Page - NXP Semiconductors TDA9811 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
1998 Feb 09
18
Philips Semiconductors
Product specification
Multistandard VIF-PLL with QSS-IF and
AM demodulator
TDA9811
Fig.3 Typical VIF and tuner AGC characteristic.
handbook, full pagewidth
4.5
70
1
2.5
2
1.5
3
3.5
4
V28 (V)
MED682 - 1
50
60
0.06
40
0
1
2
0.6
30
20
6
10
0
60
−10
gain
(dB)
Ituner
(mA)
VIF input
(1/2 or 4/5)
(mV RMS)
(1)
(2)
(3)
(4)
(1) Ituner; RTOP =22kΩ.
(2) Gain.
(3) Ituner; RTOP =11kΩ.
(4) Ituner; RTOP =0 Ω.
Fig.4 Typical SIF AGC characteristic.
handbook, full pagewidth
4.5
80
90
100
110
1
2.5
2
1.5
3
3.5
4
V8 (V)
MED683 - 1
60
70
50
40
30
20
10
100
1
0.1
0.01
(dB
µV)
SIF input
(31,32)
(mV RMS)
(1)
(2)
(1) AM mode.
(2) FM mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com