Electronic Components Datasheet Search
  English  ▼

X  

M62023L Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # M62023L
Description  System Reset IC with Switch for 3V Memory Back-up
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62023L Datasheet(HTML) 5 Page - Renesas Technology Corp

  M62023L Datasheet HTML 1Page - Renesas Technology Corp M62023L Datasheet HTML 2Page - Renesas Technology Corp M62023L Datasheet HTML 3Page - Renesas Technology Corp M62023L Datasheet HTML 4Page - Renesas Technology Corp M62023L Datasheet HTML 5Page - Renesas Technology Corp M62023L Datasheet HTML 6Page - Renesas Technology Corp M62023L Datasheet HTML 7Page - Renesas Technology Corp M62023L Datasheet HTML 8Page - Renesas Technology Corp M62023L Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
M62023L/P/FP
REJ03D0528-0200 Rev.2.00 Jun 15, 2007
Page 5 of 12
Configuration
<Power supply detector>
The internal reference voltage Vref is compared by means of a comparator with resistor divided voltage VR (resistor-
divided voltage produced by R1 and R2 from VIN).
If the input voltage is 3V, VR is set to 1.24V or higher, so the comparator output is at low level and the Ct output (Q1
collector output) is set to high level. If the input voltage drops to below 2.57V in an abnormal condition, VR becomes
below 1.24V, so the comparator output goes from low to high level and the Ct output, from high to low. The input
voltage at this point is called VSL. Next, when the input voltage, restored from abnormal state, has a rise, the
comparator output goes from high to low level and the Ct output, from low to high.
The comparator used for detection has 100mV hysteresis (
∆Vs), so that malfunctioning is prevented in case that the
input voltage slowly drops or VR nearly equals Vref.
2.0
3.0
1.0
0
2.4 2.5 2.6 2.7 2.8 2.9
Input voltage VIN (V)
VSL
VSH
∆Vs
<Delay Circuit>
Connecting an external capacitor to the Ct pin lets RES,
RES, CS, and VOUT be delayed due to RC transient
phenomenon (electric charge).
Delay time is determined as follows.
Delay time (tpd) = Ct×R3×In
[VOH(Ct)-VOL(Ct)]
[VOH(Ct)-INV1(VTH)]
3
Note: Ct is an external capacitance.
Taking into consideration the time taken by the oscillator of microcomputer to be stable, connect a 4.7
µF capacitor to
the Ct pin.
(As the response time of detection can be slowed due to internal structure depending on the rising rate of power supply,
avoid connecting a too large capacitance.)
tpd
VOH (Ct)
INV1 (Vth)
VOL (Ct)
Delayed output waveforms of Ct



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com