Electronic Components Datasheet Search
  English  ▼

X  

M62023L Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # M62023L
Description  System Reset IC with Switch for 3V Memory Back-up
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62023L Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button M62023L Datasheet HTML 5Page - Renesas Technology Corp M62023L Datasheet HTML 6Page - Renesas Technology Corp M62023L Datasheet HTML 7Page - Renesas Technology Corp M62023L Datasheet HTML 8Page - Renesas Technology Corp M62023L Datasheet HTML 9Page - Renesas Technology Corp M62023L Datasheet HTML 10Page - Renesas Technology Corp M62023L Datasheet HTML 11Page - Renesas Technology Corp M62023L Datasheet HTML 12Page - Renesas Technology Corp M62023L Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
M62023L/P/FP
REJ03D0528-0200 Rev.2.00 Jun 15, 2007
Page 10 of 12
CS "L" Output Voltage vs.
Ambint Temperature
Ambint temperature Ta (°C)
-20
0
20 40 60 80 100
0
20
40
60
80
100
120
140
160
VIN=3V
Isink =1mA
CS "H" Output Voltage vs.
Ambient Temperature
Ambient temperature Ta (°C)
-20
0
20 40 60 80 100
4.0
3.8
3.6
3.4
3.2
3.0
2.8
2.6
2.4
VIN=2V
R
CS=1M
Ω
Delay Time vs. External Capacitance
Connected to The Ct Pin
External capacitance connected
to the Ct pin Ct (µF)
VIN=0V
3V
0.1
110
100
1
10
100
1000
2 37
5
2 37
5
2 37
5
2
3
7
5
2
3
7
5
2
3
7
5
Ambient temperature Ta (°C)
Delay Time vs. Ambient Temperature
VIN=0V
3V
Ct=4.7µA
-20
0
20 40 60 80 100
0
5
10
15
20
25
30
35
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com