Electronic Components Datasheet Search
  English  ▼

X  

M5291P Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M5291P
Description  DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M5291P Datasheet(HTML) 4 Page - Renesas Technology Corp

  M5291P Datasheet HTML 1Page - Renesas Technology Corp M5291P Datasheet HTML 2Page - Renesas Technology Corp M5291P Datasheet HTML 3Page - Renesas Technology Corp M5291P Datasheet HTML 4Page - Renesas Technology Corp M5291P Datasheet HTML 5Page - Renesas Technology Corp M5291P Datasheet HTML 6Page - Renesas Technology Corp M5291P Datasheet HTML 7Page - Renesas Technology Corp M5291P Datasheet HTML 8Page - Renesas Technology Corp M5291P Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
M5291P/FP
REJ03D0841-0300 Rev.3.00 Jun 15, 2007
Page 4 of 9
Application Circuits
1. Step-up Circuit
+
−
+
+
Oscillator
1.17 V
QS
R
Comparator
1
2
3
4
5
6
7
8
510
µH
820 pF
VOUT
12 V/20 mA
COUT
100
µF
CIN
100
µF
RSC
3
Ω
VIN
5 V
R3
240
Ω
R1
9.1 k
Ω
R2
1 k
Ω
D
CT
L
VIN = 5 V
VOUT = 12 V
IO = 20 mA
f = 50 kHz
2. Step-up Circuit with Transistor
VIN
5 V
+
−
+
Oscillator
1.17 V
QS
R
Comparator
2
3
4
5
6
7
8
10
µH
820 pF
680
Ω
NPN
Tr
VOUT
12 V/1 A
COUT
100
µF
CIN
100
µF
RSC
60 m
Ω
R3
1 k
Ω
R4
R1
9.1 k
Ω
R2
1 k
Ω
D
CT
L
VIN = 5 V
VOUT = 12 V
IO = 1 A
f = 50 kHz
+
1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com