Electronic Components Datasheet Search
  English  ▼

X  

M5291P Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M5291P
Description  DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M5291P Datasheet(HTML) 3 Page - Renesas Technology Corp

  M5291P Datasheet HTML 1Page - Renesas Technology Corp M5291P Datasheet HTML 2Page - Renesas Technology Corp M5291P Datasheet HTML 3Page - Renesas Technology Corp M5291P Datasheet HTML 4Page - Renesas Technology Corp M5291P Datasheet HTML 5Page - Renesas Technology Corp M5291P Datasheet HTML 6Page - Renesas Technology Corp M5291P Datasheet HTML 7Page - Renesas Technology Corp M5291P Datasheet HTML 8Page - Renesas Technology Corp M5291P Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
M5291P/FP
REJ03D0841-0300 Rev.3.00 Jun 15, 2007
Page 3 of 9
Absolute Maximum Ratings
(Ta = 25
°C, unless otherwise noted)
Item
Symbol
Ratings
Unit
Conditions
Power supply voltage
VCC
40
V
Input voltage
VIN
−0.3 to 40
V
Comparator input
Switch collector voltage
VC (S)
40
V
Switch emitter voltage
VE (S)
40
V
Collector emitter voltage
VCE (S)
40
V
Driver collector voltage
VC (D)
40
V
Switch current
ISW
200
mA
625
8-pin DIP
Internal power dissipation
Pd
440
mW
8-pin FLAT
6.25
8-pin DIP
Thermal derating
K
θ
4.5
mW/
°C
8-pin FLAT
Operating ambient temperature
Topr
−20 to +75
°C
Storage temperature
Tstg
−55 to +125
°C
Electrical Characteristics
(Ta = 25
°C, V
CC = 5 V)
Limits
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Charge current
IC
20
35
50
µA
Discharge current
ID
150
200
250
µA
Oscillator voltage
VOSC
0.6
VP-P
Charge, discharge
current ratio
ID/IC
6
Oscillator
Current protection,
detecting voltage
VIPK
270
330
390
mV
Saturation voltage
Vsat1
1.5
2.0
V
Darlington connection
ISW = 50 mA
Saturation voltage
Vsat2
0.3
0.6
V
ISW = 50 mA
IC (D) = 10 mA
Output
Collector leak current
IL
10
nA
VCE = 40 V
Threshold voltage
VTH
1.11
1.17
1.23
V
Threshold voltage
regulation
VTHREG
0.03
0.2
mV/V
3.0
≤ V
CC ≤ 40 V
Comparator
Input bias current
IB
40
200
nA
VIN = 0 V
Circuit current
ICC
1.4
2.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com