Electronic Components Datasheet Search
  English  ▼

X  

AD8599 Datasheet(PDF) 31 Page - Analog Devices

Part # AD8599
Description  30 V, Low Noise, Rail-to-Rail Input/Output, Low Power Operational Amplifiers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8599 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD8599 Datasheet HTML 27Page - Analog Devices AD8599 Datasheet HTML 28Page - Analog Devices AD8599 Datasheet HTML 29Page - Analog Devices AD8599 Datasheet HTML 30Page - Analog Devices AD8599 Datasheet HTML 31Page - Analog Devices AD8599 Datasheet HTML 32Page - Analog Devices AD8599 Datasheet HTML 33Page - Analog Devices AD8599 Datasheet HTML 34Page - Analog Devices AD8599 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
Data Sheet
ADA4084-1/ADA4084-2/ADA4084-4
Rev. I | Page 31 of 36
DESIGNING LOW NOISE CIRCUITS IN SINGLE-
SUPPLY APPLICATIONS
In single-supply applications, devices like the ADA4084-1/
ADA4084-2/ADA4084-4 extend the dynamic range of the
application through the use of rail-to-rail operation. Referring to
the op amp noise model circuit configuration illustrated in
Figure 109, the expression for the total equivalent input noise
voltage of an amplifier for a source resistance level, RS, is given by
[
]
2
2
2
)
(
)
(
)
(
2
nOA
S
nOA
nR
nT
e
e
e
R
i
+
×
+
=
, units in
Hz
V
where:
(enR)2 is the source resistance thermal noise voltage power (4kTR).
k is the Boltzmann’s constant, 1.38 × 10–23 J/K.
T is the ambient temperature in Kelvin of the circuit, 273.15 +
TA (°C).
(inOA)2 is the op amp equivalent input noise current spectral
power (1 Hz bandwidth).
RS = 2R, the effective, or equivalent, circuit source resistance.
(enOA)2 is the op amp equivalent input noise voltage spectral
power (1 Hz bandwidth).
enR
enR
enOA
inOA
inOA
R
NOISELESS
R
NOISELESS
IDEAL
NOISELESS
OP AMP
RS = 2R
Figure 109. Op Amp Noise Circuit Model Used to Determine Total Circuit
Equivalent Input Noise Voltage and Noise Figure
As a design aid, Figure 110 shows the equivalent thermal noise
of the ADA4084-1/ADA4084-2/ADA4084-4 vs. the total source
resistance. Note that for source resistance less than 1 kΩ, the
equivalent input noise voltage of the ADA4084-1/ADA4084-2/
ADA4084-4 is dominant.
TOTAL SOURCE RESISTANCE, RS (Ω)
100
1
10
10k
ADA4084-1/ADA4084-2/ADA4084-4
TOTAL EQUIVALENT NOISE
RESISTOR THERMAL
NOISE ONLY
100
1k
100k
FREQUENCY = 1kHz
TA = 25°C
Figure 110. Equivalent Thermal Noise vs. Total Source Resistance
Because circuit SNR is the critical parameter in the final analysis,
the noise behavior of a circuit is sometimes expressed in terms
of its noise figure (NF). The noise figure is defined as the ratio
of the signal-to-noise output of a circuit to its signal-to-noise input.
Noise figure is generally used for RF and microwave circuit analysis
in a 50 Ω system. This is not very useful for op amp circuits where
the input and output impedances can vary greatly. For a more
complete description of noise figure, see the MT-052 Tutorial,
Op Amp Noise Figure: Don’t be Misled.
Signal levels in the application invariably increase to maximize
circuit SNR, which is not an option in low voltage, single-supply
applications.
Therefore, to achieve optimum circuit SNR in single-supply
applications, choose an operational amplifier with the lowest
equivalent input noise voltage, along with source resistance
levels that are consistent with maintaining low total circuit noise.
COMPARATOR OPERATION
Although op amps are quite different from comparators,
occasionally an unused section of a dual or a quad op amp can
be used as a comparator; however, this is not recommended for
any rail-to-rail output op amps. For rail-to-rail output op amps,
the output stage is generally a ratioed current mirror with bipolar
or MOSFET transistors. With the device operating open-loop,
the second stage increases the current drive to the ratioed mirror
to close the loop. However, the loop cannot close, which results in
an increase in supply current. With the op amp configured as a
comparator, the supply current can be significantly higher (see
Figure 111). Configure an unused section as a voltage follower
with the noninverting input connected to a voltage within the
input voltage range. The ADA4084-1/ADA4084-2/ADA4084-4
have unique second stage and output stage designs that greatly
reduce the excess supply current when the op amp is operating
open-loop.
800
0
0
36
VSY (V)
100
200
300
400
500
600
700
4
8
12
16
20
24
28
32
TA = 25°C
RL = ∞
COMPARATOR
OUTPUT LOW
COMPARATOR
OUTPUT HIGH
BUFFER
Figure 111. Supply Current vs. Supply Voltage (VSY)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com