Electronic Components Datasheet Search
  English  ▼

X  

AD8599 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8599
Description  30 V, Low Noise, Rail-to-Rail Input/Output, Low Power Operational Amplifiers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8599 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8599 Datasheet HTML 4Page - Analog Devices AD8599 Datasheet HTML 5Page - Analog Devices AD8599 Datasheet HTML 6Page - Analog Devices AD8599 Datasheet HTML 7Page - Analog Devices AD8599 Datasheet HTML 8Page - Analog Devices AD8599 Datasheet HTML 9Page - Analog Devices AD8599 Datasheet HTML 10Page - Analog Devices AD8599 Datasheet HTML 11Page - Analog Devices AD8599 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
ADA4084-1/ADA4084-2/ADA4084-4
Data Sheet
Rev. I | Page 8 of 36
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
NIC
1
–IN
2
+IN
3
V–
4
NIC
8
V+
7
OUT
6
NIC
5
NOTES
1. NIC = NOT INTERNALLY CONNECTED.
ADA4084-1
TOP VIEW
(Not to Scale)
Figure 3. ADA4084-1, 8-Lead SOIC (R)
Table 7. 8-Lead SOIC, ADA4084-1 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
NIC
Not Internally Connected
2
−IN
Negative Input
3
+IN
Positive Input
4
V−
Negative Supply
5
NIC
Not Internally Connected
6
OUT
Output
7
V+
Positive Supply
8
NIC
Not Internally Connected
OUT 1
V– 2
+IN 3
V+
5
ADA4084-1
–IN
4
Figure 4. ADA4084-1, 5-Lead SOT-23 (RJ)
Table 8. 5-Lead SOT-23, ADA4084-1 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
OUT
Output
2
V−
Negative Supply
3
+IN
Positive Input
4
−IN
Negative Input
5
V+
Positive Supply
NOTES
1. FOR THE LFCSP PACKAGE,
THE EXPOSED PAD MUST BE
CONNECTED TO V–.
+IN A
V–
OUT A
–IN A
–IN B
+IN B
V+
OUT B
3
4
1
2
6
5
8
7
ADA4084-2
TOP VIEW
(Not to Scale)
Figure 5. ADA4084-2, 8-Lead LFCSP (CP)
Table 9. 8-Lead LFCSP, ADA4084-2 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
OUT A
Output, Channel A
2
−IN A
Negative Input, Channel A
3
+IN A
Positive Input, Channel A
4
V−
Negative Supply
5
+IN B
Positive Input, Channel B
6
−IN B
Negative Input, Channel B
7
OUT B
Output, Channel B
8
V+
Positive Supply
EPAD
Exposed Pad. For the LFCSP package, the exposed pad must be connected to V−.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com