Electronic Components Datasheet Search
  English  ▼

X  

AD8657 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8657
Description  OVP and EMI Protected, Precision, Low Noise and Bias Current Op Amps
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8657 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8657 Datasheet HTML 6Page - Analog Devices AD8657 Datasheet HTML 7Page - Analog Devices AD8657 Datasheet HTML 8Page - Analog Devices AD8657 Datasheet HTML 9Page - Analog Devices AD8657 Datasheet HTML 10Page - Analog Devices AD8657 Datasheet HTML 11Page - Analog Devices AD8657 Datasheet HTML 12Page - Analog Devices AD8657 Datasheet HTML 13Page - Analog Devices AD8657 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
ADA4177-1/ADA4177-2/ADA4177-4
Data Sheet
Rev. E | Page 10 of 33
OUT A 1
–IN A
2
+IN A
3
V–
4
V+
8
OUT B
7
–IN B
6
+IN B
5
ADA4177-2
TOP VIEW
(Not to Scale)
Figure 5. ADA4177-2 8-Lead MSOP Pin Configuration
OUT A 1
–IN A 2
+IN A 3
V– 4
V+
8
OUT B
7
–IN B
6
+IN B
5
ADA4177-2
TOP VIEW
(Not to Scale)
Figure 6. ADA4177-2 8-Lead SOIC Pin Configuration
Table 7. ADA4177-2 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
OUT A
Output Channel A.
2
−IN A
Inverting Input Channel A.
3
+IN A
Noninverting Input Channel A.
4
V−
Negative Supply Voltage.
5
+IN B
Noninverting Input Channel B.
6
−IN B
Inverting Input Channel B.
7
OUT B
Output Channel B.
8
V+
Positive Supply Voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com