Electronic Components Datasheet Search
  English  ▼

X  

AD8657 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8657
Description  OVP and EMI Protected, Precision, Low Noise and Bias Current Op Amps
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8657 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8657 Datasheet HTML 14Page - Analog Devices AD8657 Datasheet HTML 15Page - Analog Devices AD8657 Datasheet HTML 16Page - Analog Devices AD8657 Datasheet HTML 17Page - Analog Devices AD8657 Datasheet HTML 18Page - Analog Devices AD8657 Datasheet HTML 19Page - Analog Devices AD8657 Datasheet HTML 20Page - Analog Devices AD8657 Datasheet HTML 21Page - Analog Devices AD8657 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
ADA4177-1/ADA4177-2/ADA4177-4
Data Sheet
Rev. E | Page 18 of 33
1000
0.001
100
10
1
0.1
0.01
FREQUENCY (MHz)
0.0001
1
0.1
0.01
0.001
10
VSY = ±5V
AV = +100
AV = +10
AV = +1
Figure 45. Output Impedance (ZOUT) vs. Frequency, VSY = ±5 V
3
–3
2
1
0
–1
–2
TIME (100µs/DIV)
VSY = ±5V
VIN = 4V p-p
AV = +1
RL = 2kΩ
CL = 300pF
Figure 46. Large Signal Transient Response, VSY = ±5 V
0.10
–0.10
0.05
0
–0.05
TIME (100µs/DIV)
VSY = ±5V
VIN = 100mV p-p
AV = +1
RL = 2kΩ
CL = 1000pF
Figure 47. Small Signal Transient Response, VSY = ±5 V
1000
0.001
100
10
1
0.1
0.01
FREQUENCY (MHz)
0.0001
1
0.1
0.01
0.001
10
VSY = ±15V
AV = +100
AV = +10
AV = +1
Figure 48. Output Impedance (ZOUT) vs. Frequency, VSY = ±15 V
12.5
–12.5
–10.0
–7.5
–5.0
–2.5
0
2.5
5.0
7.5
10.0
TIME (100µs/DIV)
VSY = ±15V
VIN = 20V p-p
AV = +1
RL = 2kΩ
CL = 300pF
Figure 49. Large Signal Transient Response, VSY = ±15 V
0.10
–0.10
0.05
0
–0.05
TIME (100µs/DIV)
VSY = ±15V
VIN = 100mV p-p
AV = +1
RL = 2kΩ
CL = 1000pF
Figure 50. Small Signal Transient Response, VSY = ±15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com