Electronic Components Datasheet Search
  English  ▼

X  

AD820 Datasheet(PDF) 23 Page - Analog Devices

Part # AD820
Description  Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD820 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD820 Datasheet HTML 19Page - Analog Devices AD820 Datasheet HTML 20Page - Analog Devices AD820 Datasheet HTML 21Page - Analog Devices AD820 Datasheet HTML 22Page - Analog Devices AD820 Datasheet HTML 23Page - Analog Devices AD820 Datasheet HTML 24Page - Analog Devices AD820 Datasheet HTML 25Page - Analog Devices AD820 Datasheet HTML 26Page - Analog Devices AD820 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
Data Sheet
ADA4610-1/ADA4610-2/ADA4610-4
Rev. I | Page 23 of 27
LONG-TERM DRIFT
The stability of a precision signal path over its lifetime or
between calibration procedures is dependent on the long-term
stability of the analog components in the path, such as op amps,
references, and data converters. To help system designers
predict the long-term drift of circuits that use the ADA4610-1/
ADA4610-2/ADA4610-4, Analog Devices measured the offset
voltage of multiple units for 10,000 hours (more than 13 months)
using a high precision measurement system, including an
ultrastable oil bath. To replicate real-world system performance,
the devices under test (DUTs) were soldered onto an FR4 PCB
using a standard reflow profile (as defined in the JEDEC J-STD-
020D standard), as opposed to testing them in sockets. This
manner of testing is important because expansion and contraction
of the PCB can apply stress to the integrated circuit (IC) package
and contribute to shifts in the offset voltage.
The ADA4610-1/ADA4610-2/ADA4610-4 have extremely low
long-term drift, as shown in Figure 61. The red, blue, and green
traces show sample units. Note that the ADA4610-1/ADA4610-2/
ADA4610-4 (B-grade) have a mean drift over 10,000 hours of
approximately 5 µV, or less than 2% of their maximum specified
offset voltage of 400 µV at room temperature.
TIME (Hours)
–60
–40
–20
0
20
40
60
VSY = 10V
27 UNITS
TA = 25°C
MEAN
MEAN PLUS ONE STANDARD DEVIATION
MEAN MINUS ONE STANDARD DEVIATION
SAMPLE 1
SAMPLE 2
SAMPLE 3
Figure 61. Measured Long-Term Drift of the ADA4610-1/ADA4610-2/
ADA4610-4 Offset Voltage over 10,000 Hours
TEMPERATURE HYSTERESIS
In addition to stability over time as described in the Long-Term
Drift section, it is useful to know the temperature hysteresis,
that is, the stability vs. cycling of temperature. Hysteresis is an
important parameter because it tells the system designer how
closely the signal returns to its starting amplitude after the
ambient temperature changes and subsequent return to room
temperature. Figure 62 shows the change in input offset voltage
as the temperature cycles three times from room temperature to
+125°C to −40°C and back to room temperature. The dotted
line is an initial preconditioning cycle to eliminate the original
temperature-induced offset shift from exposure to production
solder reflow temperatures. In the three full cycles, the offset
hysteresis is typically only 8 µV, or 1% of its 800 µV maximum
offset voltage over the full operating temperature range. The
histogram in Figure 63 shows that the hysteresis is larger when
the device is cycled through only a half cycle, from room
temperature to 125°C and back to room temperature.
TEMPERATURE (°C)
–40
–20
0
20
40
60
80
100
120
–150
–100
–50
0
50
100
150
VSY = 10V
PRECONDITION
CYCLE 1
CYCLE 2
CYCLE 3
Figure 62. Change in Offset Voltage over Three Full Temperature Cycles
0
40
30
50
35
45
25
20
15
10
5
0
40
30
50
35
45
25
20
15
10
5
OFFSET VOLTAGE HYSTERESIS (µV)
–80
–64
–48
–32
–16
0
16
32
48
64
80
HALF CYCLE
FULL CYCLE
VSY = 10V
27 UNITS × 3 CYCLES
HALF CYCLE = +26°C, +125°C, +26°C
FULL CYCLE = +26°C, +125°C, +26°C, –40°C, +26°C
Figure 63. Histogram Showing the Temperature Hysteresis of the Offset
Voltage over Three Full Cycles and over Three Half Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com