Electronic Components Datasheet Search
  English  ▼

X  

AD820 Datasheet(PDF) 27 Page - Analog Devices

Part # AD820
Description  Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD820 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD820 Datasheet HTML 19Page - Analog Devices AD820 Datasheet HTML 20Page - Analog Devices AD820 Datasheet HTML 21Page - Analog Devices AD820 Datasheet HTML 22Page - Analog Devices AD820 Datasheet HTML 23Page - Analog Devices AD820 Datasheet HTML 24Page - Analog Devices AD820 Datasheet HTML 25Page - Analog Devices AD820 Datasheet HTML 26Page - Analog Devices AD820 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 27 page
background image
Data Sheet
ADA4610-1/ADA4610-2/ADA4610-4
Rev. I | Page 27 of 27
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Marking Code
ADA4610-1ARZ
−40°C to +125°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
ADA4610-1ARZ-R7
−40°C to +125°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
ADA4610-1ARZ-RL
−40°C to +125°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
ADA4610-1BRZ
−40°C to +125°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
ADA4610-1BRZ-R7
−40°C to +125°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
ADA4610-1BRZ-RL
−40°C to +125°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
ADA4610-1ARJZ-R2
−40°C to +125°C
5-Lead Small Outline Transistor Package [SOT-23]
RJ-5
A37
ADA4610-1ARJZ-R7
−40°C to +125°C
5-Lead Small Outline Transistor Package [SOT-23]
RJ-5
A37
ADA4610-1ARJZ-RL
−40°C to +125°C
5-Lead Small Outline Transistor Package [SOT-23]
RJ-5
A37
ADA4610-2ACPZ-R7
−40°C to +125°C
8-Lead Lead Frame Chip Scale Package [LFCSP]
CP-8-11
A2U
ADA4610-2ACPZ-RL
−40°C to +125°C
8-Lead Lead Frame Chip Scale Package [LFCSP]
CP-8-11
A2U
ADA4610-2ARMZ
−40°C to +125°C
8-Lead Mini Small Outline Package [MSOP]
RM-8
A2U
ADA4610-2ARMZ-R7
−40°C to +125°C
8-Lead Mini Small Outline Package [MSOP]
RM-8
A2U
ADA4610-2ARMZ-RL
−40°C to +125°C
8-Lead Mini Small Outline Package [MSOP]
RM-8
A2U
ADA4610-2ARZ
−40°C to +125°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
ADA4610-2ARZ-R7
−40°C to +125°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
ADA4610-2ARZ-RL
−40°C to +125°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
ADA4610-2BRZ
−40°C to +125°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
ADA4610-2BRZ-R7
−40°C to +125°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
ADA4610-2BRZ-RL
−40°C to +125°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
ADA4610-4ARZ
−40°C to +125°C
14-Lead Standard Small Outline Package [SOIC_N]
R-14
ADA4610-4ARZ-R7
−40°C to +125°C
14-Lead Standard Small Outline Package [SOIC_N]
R-14
ADA4610-4ARZ-RL
−40°C to +125°C
14-Lead Standard Small Outline Package [SOIC_N]
R-14
ADA4610-4ACPZ-R7
−40°C to +125°C
16-Lead Lead Frame Chip Scale Package [LFCSP]
CP-16-23
ADA4610-4ACPZ-RL
−40°C to +125°C
16-Lead Lead Frame Chip Scale Package [LFCSP]
CP-16-23
1
Z = RoHS Compliant Part.
©2011–2019 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D09646-0-6/19(I)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com