Electronic Components Datasheet Search
  English  ▼

X  

OP27 Datasheet(PDF) 36 Page - Analog Devices

Part # OP27
Description  30 V, Low Noise, Rail-to-Rail Input/Output, Low Power Operational Amplifiers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP27 Datasheet(HTML) 36 Page - Analog Devices

Back Button OP27 Datasheet HTML 28Page - Analog Devices OP27 Datasheet HTML 29Page - Analog Devices OP27 Datasheet HTML 30Page - Analog Devices OP27 Datasheet HTML 31Page - Analog Devices OP27 Datasheet HTML 32Page - Analog Devices OP27 Datasheet HTML 33Page - Analog Devices OP27 Datasheet HTML 34Page - Analog Devices OP27 Datasheet HTML 35Page - Analog Devices OP27 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 36 / 36 page
background image
ADA4084-1/ADA4084-2/ADA4084-4
Data Sheet
Rev. I | Page 36 of 36
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Branding
ADA4084-1ARZ
−40°C to +125°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
ADA4084-1ARZ-R7
−40°C to +125°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
ADA4084-1ARZ-RL
−40°C to +125°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
ADA4084-1ARJZ-R2
−40°C to +125°C
5-Lead Small Outline Transistor Package [SOT-23]
RJ-5
A38
ADA4084-1ARJZ-R7
−40°C to +125°C
5-Lead Small Outline Transistor Package [SOT-23]
RJ-5
A38
ADA4084-1ARJZ-RL
−40°C to +125°C
5-Lead Small Outline Transistor Package [SOT-23]
RJ-5
A38
ADA4084-2ARMZ
−40°C to +125°C
8-Lead Mini Small Outline Package [MSOP]
RM-8
A2Q
ADA4084-2ARMZ-R7
−40°C to +125°C
8-Lead Mini Small Outline Package [MSOP]
RM-8
A2Q
ADA4084-2ARMZ-RL
−40°C to +125°C
8-Lead Mini Small Outline Package [MSOP]
RM-8
A2Q
ADA4084-2ARZ
−40°C to +125°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
ADA4084-2ARZ-R7
−40°C to +125°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
ADA4084-2ARZ-RL
−40°C to +125°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
ADA4084-2ACPZ-R7
−40°C to +125°C
8-Lead Lead Frame Chip Scale Package [LFCSP]
CP-8-11
A2Q
ADA4084-2ACPZ-RL
−40°C to +125°C
8-Lead Lead Frame Chip Scale Package [LFCSP]
CP-8-11
A2Q
ADA4084-4ACPZ-R7
−40°C to +125°C
16-Lead Lead Frame Chip Scale Package [LFCSP]
CP-16-17
ADA4084-4ACPZ-RL
−40°C to +125°C
16-Lead Lead Frame Chip Scale Package [LFCSP]
CP-16-17
ADA4084-4ARUZ
−40°C to +125°C
14-Lead Thin Shrink Small Outline Package [TSSOP]
RU-14
ADA4084-4ARUZ-RL
−40°C to +125°C
14-Lead Thin Shrink Small Outline Package [TSSOP]
RU-14
1
Z = RoHS Compliant Part.
©2011–2017 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D08237-0-5/17(I)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com