Electronic Components Datasheet Search
  English  ▼

X  

OP27 Datasheet(PDF) 24 Page - Analog Devices

Part # OP27
Description  30 V, Low Noise, Rail-to-Rail Input/Output, Low Power Operational Amplifiers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP27 Datasheet(HTML) 24 Page - Analog Devices

Back Button OP27 Datasheet HTML 20Page - Analog Devices OP27 Datasheet HTML 21Page - Analog Devices OP27 Datasheet HTML 22Page - Analog Devices OP27 Datasheet HTML 23Page - Analog Devices OP27 Datasheet HTML 24Page - Analog Devices OP27 Datasheet HTML 25Page - Analog Devices OP27 Datasheet HTML 26Page - Analog Devices OP27 Datasheet HTML 27Page - Analog Devices OP27 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
ADA4084-1/ADA4084-2/ADA4084-4
Data Sheet
Rev. I | Page 24 of 36
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
TCVOS (µV/°C)
0
5
10
15
20
25
30
VSY = ±15V
RL = ∞
–40°C ≤ TA ≤ +125°C
Figure 78. TCVOS Distribution, LFCSP
600
–600
–15
–10
–5
5
15
10
COMMON-MODE VOLTAGE (V)
–400
–500
–300
–200
–100
0
100
200
300
400
500
VSY = ±15V
TA = 25°C
RL = ∞
0
Figure 79. Input Offset Voltage vs. Common-Mode Voltage
–100
–75
–50
–25
0
25
50
75
100
–50
–25
0
25
50
75
100
125
150
TEMPERATURE (°C)
VSY = ±15V
Figure 80. Input Offset Voltage vs. Temperature
–50
–100
–150
–200
–250
–40
125
TEMPERATURE (°C)
–25
–10
5
20
35
50
65
80
95
110
VSY = ±15V
VCM = 0V
RL = ∞
IB+
IB–
Figure 81. Input Bias Current vs. Temperature
1200
–1200
–15
–10
–5
5
10
15
VCM (V)
–400
–800
0
400
800
TA = +125°C
TA = –40°C
VSY = ±15V
0
TA = +25°C
TA = +85°C
Figure 82. Input Bias Current vs. VCM for Various Temperatures
1000
10000
100
10
1
0.001
0.01
0.1
1
10
SOURCE CURRENT (mA)
VSY = ±15V
TA = 25°C
(V+) – VOH
Figure 83. Dropout Voltage (VDO) vs. Source Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com