Electronic Components Datasheet Search
  English  ▼

X  

ADA4961 Datasheet(PDF) 12 Page - Analog Devices

Part # ADA4961
Description  Low Distortion, 3.2 GHz, RF DGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4961 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADA4961 Datasheet HTML 8Page - Analog Devices ADA4961 Datasheet HTML 9Page - Analog Devices ADA4961 Datasheet HTML 10Page - Analog Devices ADA4961 Datasheet HTML 11Page - Analog Devices ADA4961 Datasheet HTML 12Page - Analog Devices ADA4961 Datasheet HTML 13Page - Analog Devices ADA4961 Datasheet HTML 14Page - Analog Devices ADA4961 Datasheet HTML 15Page - Analog Devices ADA4961 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ADA4961
Data Sheet
Rev. C | Page 12 of 24
100M
1G
4G
FREQUENCY (Hz)
0
2
4
6
8
10
12
14
16
18
20
GAIN = 0dB
GAIN = 7dB
GAIN = 15dB
Figure 28. Group Delay vs. Frequency at 15 dB, 7 dB, and 0 dB Gain Settings, 5.0 V
FREQUENCY (Hz)
10G
100M
10M
1G
–24
–25
–26
–27
–28
–29
–30
–31
–32
–33
–34
–35
–36
–37
–38
–39
–40
–41
GAIN = 0dB
GAIN = 7dB
GAIN = 15dB
Figure 29. S12 vs. Frequency at 15 dB, 7 dB, and 0 dB Gain Settings, 5.0 V
FREQUENCY (Hz)
100M
1G
4G
180
160
140
120
100
80
60
40
20
0
50
40
30
20
10
0
GAIN = 0dB
GAIN = 7dB
GAIN = 15dB
Figure 30. S11 Resistor-Inductor-Capacitor (RLC) vs. Frequency at 15 dB, 7 dB,
and 0 dB Gain Settings, 5.0 V
FREQUENCY (Hz)
4G
100M
1G
85
80
75
70
65
60
55
50
45
40
50
0
–50
GAIN = 0dB
GAIN = 7dB
GAIN = 15dB
Figure 31. S22 RLC vs. Frequency at 15 dB, 7 dB, and 0 dB Gain Settings, 5.0 V
0
20
40
60
80
100
120
140
160
180
200
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
5V, HP
5V, LP
3.3V, LP
Figure 32. Supply Current vs. Temperature
CH1 40mV/DIV
CH2 500mV/DIV
10ns/DIV
A CH2
350mV
1
2
Figure 33. Fast Attack Assertion Time, High Gain to Low Gain, 8 dB Step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com