Electronic Components Datasheet Search
  English  ▼

X  

ADA4961 Datasheet(PDF) 24 Page - Analog Devices

Part # ADA4961
Description  Low Distortion, 3.2 GHz, RF DGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4961 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADA4961 Datasheet HTML 16Page - Analog Devices ADA4961 Datasheet HTML 17Page - Analog Devices ADA4961 Datasheet HTML 18Page - Analog Devices ADA4961 Datasheet HTML 19Page - Analog Devices ADA4961 Datasheet HTML 20Page - Analog Devices ADA4961 Datasheet HTML 21Page - Analog Devices ADA4961 Datasheet HTML 22Page - Analog Devices ADA4961 Datasheet HTML 23Page - Analog Devices ADA4961 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
ADA4961
Data Sheet
Rev. C | Page 24 of 24
OUTLINE DIMENSIONS
0.50
BSC
0.50
0.40
0.30
0.30
0.25
0.18
COMPLIANT
TO JEDEC STANDARDS MO-220-WGGD
BOTTOM VIEW
TOP VIEW
SIDE VIEW
4.10
4.00 SQ
3.90
0.80
0.75
0.70
0.20 REF
0.20 MIN
3.16 MIN
COPLANARITY
0.08
2.65
2.50 SQ
2.45
1
24
7
12
13
18
19
6
0.05 MAX
0.02 NOM
P IN 1
IN D IC ATO R AR E A OP T IO N S
(SEE DETAIL A)
DETAIL A
(JEDEC 95)
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
PIN 1
INDICATOR
AREA
EXPOSED
PAD
SEATING
PLANE
Figure 53. 24-Lead Lead Frame Chip Scale Package [LFCSP]
4 mm × 4 mm Body and 0.75 mm Package Height
(CP-24-7)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADA4961ACPZN-R7
−40°C to +85°C
24-Lead LFCSP, 7”Tape and Reel
CP-24-7
EV-ADA4961SDP1Z
−40°C to +85°C
Evaluation Board
1 Z = RoHS Compliant Part.
©2014–2019 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D12454-0-7/19(C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com