Electronic Components Datasheet Search
  English  ▼

X  

TDA9815 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA9815
Description  Multistandard/MAC VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9815 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA9815 Datasheet HTML 4Page - NXP Semiconductors TDA9815 Datasheet HTML 5Page - NXP Semiconductors TDA9815 Datasheet HTML 6Page - NXP Semiconductors TDA9815 Datasheet HTML 7Page - NXP Semiconductors TDA9815 Datasheet HTML 8Page - NXP Semiconductors TDA9815 Datasheet HTML 9Page - NXP Semiconductors TDA9815 Datasheet HTML 10Page - NXP Semiconductors TDA9815 Datasheet HTML 11Page - NXP Semiconductors TDA9815 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
1998 Feb 11
8
Philips Semiconductors
Product specification
Multistandard/MAC VIF-PLL with QSS-IF
and dual FM-PLL/AM demodulator
TDA9815
The AF amplifier consists of two parts:
1. The AF preamplifier for FM sound is an operational
amplifier with internal feedback, high gain and high
common mode rejection. The AF voltage from the PLL
demodulator, by principle a small output signal, is
amplified by approximately 33 dB. The low-pass
characteristic of the amplifier reduces the harmonics of
the intercarrier signal at the sound output terminal. An
additional DC control circuit is implemented to keep
the DC level constant, independent of process spread.
2. The AF output amplifier (10 dB) provides the required
output level by a rail-to-rail output stage. This amplifier
makes use of an input selector for switching to AM/FM
or mute state, controlled by the standard switching
voltage and the mute switching voltage.
Internal voltage stabilizer and 1
⁄2VP-reference
The bandgap circuit internally generates a voltage of
approximately 1.25 V, independent of supply voltage and
temperature. A voltage regulator circuit, connected to this
voltage, produces a constant voltage of 3.6 V which is
used as an internal reference voltage.
For all audio output signals the constant reference voltage
cannot be used because large output signals are required.
Therefore these signals refer to half the supply voltage to
achieve a symmetrical headroom, especially for the
rail-to-rail output stage. For ripple and noise attenuation
the 1
⁄2VP voltage has to be filtered via a low-pass filter by
using an external capacitor together with an integrated
resistor (fg = 5 Hz). For a fast setting to 1⁄2VP an internal
start-up circuit is added.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Notes
1. IP = 125 mA; Tamb =70 °C; Rth(j-a) = 60 K/W.
2. Machine model class B (L = 2.5
µH).
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP
supply voltage (pin 29)
maximum chip temperature
of 125
°C; note 1
0
7.0
V
Vi
voltage at pins 1 to 9, 11 to 19, 22, 23 and
26 to 32
0VP
V
ts(max)
maximum short-circuit time
−
10
s
V19
tuner AGC output voltage
0
13.2
V
Tstg
storage temperature
−25
+150
°C
Tamb
operating ambient temperature
−20
+70
°C
Ves
electrostatic handling voltage
note 2
−300
+300
V
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air
60
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com