Electronic Components Datasheet Search
  English  ▼

X  

TDA9815 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA9815
Description  Multistandard/MAC VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9815 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA9815 Datasheet HTML 1Page - NXP Semiconductors TDA9815 Datasheet HTML 2Page - NXP Semiconductors TDA9815 Datasheet HTML 3Page - NXP Semiconductors TDA9815 Datasheet HTML 4Page - NXP Semiconductors TDA9815 Datasheet HTML 5Page - NXP Semiconductors TDA9815 Datasheet HTML 6Page - NXP Semiconductors TDA9815 Datasheet HTML 7Page - NXP Semiconductors TDA9815 Datasheet HTML 8Page - NXP Semiconductors TDA9815 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
1998 Feb 11
2
Philips Semiconductors
Product specification
Multistandard/MAC VIF-PLL with QSS-IF
and dual FM-PLL/AM demodulator
TDA9815
FEATURES
• 5 V supply voltage
• Two switched VIF inputs, gain controlled wide band
VIF-amplifier (AC-coupled)
• True synchronous demodulation with active carrier
regeneration (very linear demodulation, good
intermodulation figures, reduced harmonics,
excellent pulse response)
• Robustness for over-modulation better than 105% due
to gated phase detector at L/L accent standard
• VCO frequency switchable between L and L accent
(alignment external) picture carrier frequency
• Separate video amplifier for sound trap buffering with
high video bandwidth
• VIF-AGC detector for gain control, operating as peak
sync detector for B/G, peak white detector for L and
peak level for MAC (optional external AGC);
signal controlled reaction time for L and MAC
• Tuner AGC with adjustable takeover point (TOP)
• AFC detector without extra reference circuit
• AC-coupled limiter amplifier for sound intercarrier signal
with input switch for additional FM signal
• Two alignment-free FM-PLL demodulators with
high linearity
• SIF input for single reference QSS mode (PLL
controlled); SIF AGC detector for gain controlled SIF
amplifier; single reference QSS mixer able to operate in
high performance single reference QSS mode
• AM demodulator without extra reference circuit
• Stabilizer circuit for ripple rejection and to achieve
constant output signals
• ESD protection for all pins.
GENERAL DESCRIPTION
The TDA9815 is an integrated circuit for multistandard
vision IF signal processing (inclusive MAC) and sound AM
and dual FM demodulation, with single reference QSS-IF
in TV and VCR sets.
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA9815
SDIP32
plastic shrink dual in-line package; 32 leads (400 mil)
SOT232-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com