Electronic Components Datasheet Search
  English  ▼

X  

ELJFA221DF Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # ELJFA221DF
Description  Chip inductors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJFA221DF Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button ELJFA221DF Datasheet HTML 3Page - Panasonic Semiconductor ELJFA221DF Datasheet HTML 4Page - Panasonic Semiconductor ELJFA221DF Datasheet HTML 5Page - Panasonic Semiconductor ELJFA221DF Datasheet HTML 6Page - Panasonic Semiconductor ELJFA221DF Datasheet HTML 7Page - Panasonic Semiconductor ELJFA221DF Datasheet HTML 8Page - Panasonic Semiconductor ELJFA221DF Datasheet HTML 9Page - Panasonic Semiconductor ELJFA221DF Datasheet HTML 10Page - Panasonic Semiconductor ELJFA221DF Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Chip Inductors
µH
0.22
230
190
0.27
210
180
0.33
190
170
0.39
±20 %
25.2
175
160
0.47
±10 %
160
155
0.56
150
150
0.68
135
140
0.82
125
130
1.0
115
195
1.2
100
180
1.5
90
170
1.8
85
160
2.2
25
80
155
2.7
7.96
75
145
3.3
65
135
3.9
±10 %
60
130
4.7
55
125
5.6
±5 %
50
120
6.8
45
115
8.2
40
105
10
32
80
12
30
75
15
28
70
18
25
65
22
22
60
27
2.52
21
115
33
20
110
39
18
90
47
20
17
80
56
16
75
68
15
70
82
13
65
100
15
0.796
12
60
Tolerance
ELJFCR22M/KF
ELJFCR27M/KF
ELJFCR33M/KF
ELJFCR39M/KF
ELJFCR47M/KF
ELJFCR56M/KF
ELJFCR68M/KF
ELJFCR82M/KF
ELJFC1R0K/JF
ELJFC1R2K/JF
ELJFC1R5K/JF
ELJFC1R8K/JF
ELJFC2R2K/JF
ELJFC2R7K/JF
ELJFC3R3K/JF
ELJFC3R9K/JF
ELJFC4R7K/JF
ELJFC5R6K/JF
ELJFC6R8K/JF
ELJFC8R2K/JF
ELJFC100K/JF
ELJFC120K/JF
ELJFC150K/JF
ELJFC180K/JF
ELJFC220K/JF
ELJFC270K/JF
ELJFC330K/JF
ELJFC390K/JF
ELJFC470K/JF
ELJFC560K/JF
ELJFC680K/JF
ELJFC820K/JF
ELJFC101K/JF
2. Normal Types FC, FA, SA, FB
s Examples : Type 2520(1008)FC
Q
min.
0.70
0.75
0.85
0.95
1.0
1.1
1.25
1.4
0.65
0.75
0.85
0.95
1.05
1.2
1.3
1.4
1.55
1.75
1.95
2.2
3.5
3.8
4.4
5.0
5.8
6.3
7.1
9.5
11.0
12.1
16.6
19.0
21.0
SRF V1
min.(MHz)
DCR V2
max.(Ω)
Part No.
Inductance
L , Q Test
Freq.( MHz)
V
1 : Self Resonant Frequency V2 : DC Resistance
DC Current
max.(mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com