Electronic Components Datasheet Search
  English  ▼

X  

ELJFA221DF Datasheet(PDF) 14 Page - Panasonic Semiconductor

Part # ELJFA221DF
Description  Chip inductors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJFA221DF Datasheet(HTML) 14 Page - Panasonic Semiconductor

Back Button ELJFA221DF Datasheet HTML 7Page - Panasonic Semiconductor ELJFA221DF Datasheet HTML 8Page - Panasonic Semiconductor ELJFA221DF Datasheet HTML 9Page - Panasonic Semiconductor ELJFA221DF Datasheet HTML 10Page - Panasonic Semiconductor ELJFA221DF Datasheet HTML 11Page - Panasonic Semiconductor ELJFA221DF Datasheet HTML 12Page - Panasonic Semiconductor ELJFA221DF Datasheet HTML 13Page - Panasonic Semiconductor ELJFA221DF Datasheet HTML 14Page - Panasonic Semiconductor ELJFA221DF Datasheet HTML 15Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Chip Inductors
s Packaging Methods
Quantity, Mass
RF
10000 pcs.
Ñ
RE, PE, ND
3000 pcs.
90 g
NC, FC, PC
2000 pcs.
100 g
NA, FA, SA, PA, EA
2000 pcs.
170 g
FB
500 pcs.
100 g
Quantity
Mass (Weight)
Approx.
A
B
CD
EW
RF
180
60
13
21
2
9
RE, PE, ND, NC, FC 180 60
13
21
2
9
PC, NA, FA, SA, PA, EA
FB
180
60
13
21
2
13
AB
W
F
E
P1
P2
P3
fD0
fD1
t1
t2
Size/Types
1608(0603)
RE, PE
1.0
1.8
8
3.5
1.75
4.0
2.0
4.0
1.5
0.6 (0.27) 1.2
2012(0805)
ND
1.45 2.25
8
3.5
1.75
4.0
2.0
4.0
1.5
1.0 (0.25) 1.55
2520(1008)
NC, FC, PC
2.4
2.9
8
3.5
1.75
4.0
2.0
4.0
1.5
1.1 (0.25) 1.85
3225(1210) NA, FA, SA, PA, EA 2.8
3.6
8
3.5
1.75
4.0
2.0
4.0
1.5
Ñ
(0.25) 2.4
4532(1812)
FB
3.6
4.9
12
5.5
1.75
8.0
2.0
4.0
1.5
Ñ
(0.3) 3.5
s Reel Dimensions in mm (not to scale)
Dimensions
Dimensions
Types
q
Standard Packing Quantity and Mass
Types



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com