Electronic Components Datasheet Search
  English  ▼

X  

ELJPC221DF Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # ELJPC221DF
Description  Chip inductors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJPC221DF Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button ELJPC221DF Datasheet HTML 6Page - Panasonic Semiconductor ELJPC221DF Datasheet HTML 7Page - Panasonic Semiconductor ELJPC221DF Datasheet HTML 8Page - Panasonic Semiconductor ELJPC221DF Datasheet HTML 9Page - Panasonic Semiconductor ELJPC221DF Datasheet HTML 10Page - Panasonic Semiconductor ELJPC221DF Datasheet HTML 11Page - Panasonic Semiconductor ELJPC221DF Datasheet HTML 12Page - Panasonic Semiconductor ELJPC221DF Datasheet HTML 13Page - Panasonic Semiconductor ELJPC221DF Datasheet HTML 14Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Chip Inductors
3. High Power Types PE, PC, PA
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10.0
12.0
15.0
18.0
22.0
6000
5500
5500
5200
4800
4600
4000
3500
2800
2500
2200
2000
1800
0.030
0.030
0.040
0.040
0.050
0.055
0.055
0.060
0.065
0.080
0.100
0.120
0.150
2.1
2.1
2.1
2.1
2.1
2.1
1.9
1.7
1.4
1.3
0.9
0.8
0.7
ELJPE2N2KF
ELJPE2N7KF
ELJPE3N3KF
ELJPE3N9KF
ELJPE4N7KF
ELJPE5N6KF
ELJPE6N8KF
ELJPE8N2KF
ELJPE10NKF
ELJPE12NKF
ELJPE15NKF
ELJPE18NKF
ELJPE22NKF
8
9
nH
Tolerance
± 10 %
100.
µH
Tolerance
1.0
95
0.45
475
1.5
10
85
0.55
435
2.2
±20 %
7.96
65
0.65
390
3.3
55
0.85
340
4.7
8
43
1.2
285
6.8
8.5
44
1.3
170
10
32
2.2
210
12
±10 %
25
2.7
195
15
20
2.52
21
3.2
175
22
18
4.0
160
33
16
6.5
120
ELJPC1R0MF
ELJPC1R5MF
ELJPC2R2MF
ELJPC3R3MF
ELJPC4R7MF
ELJPC6R8KF
ELJPC100KF
ELJPC120KF
ELJPC150KF
ELJPC220KF
ELJPC330KF
s Examples : Type 2520(1008)PC
s xamples : Type 1608(0603)PE
V
1 : Self Resonant Frequency V2 : DC Resistance
V
1 : Self Resonant Frequency V2 : DC Resistance
Q
min.
SRF V1
min.(MHz)
DCR V2
max.(Ω)
Part No.
Inductance
L , Q Test
Freq.( MHz)
DC Current
max.(mA)
Q
min.
SRF V1
min.(MHz)
DCR V2
max.(Ω)
Part No.
Inductance
L , Q Test
Freq.( MHz)
DC Current
max.(mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com