Electronic Components Datasheet Search
  English  ▼

X  

ELJPC221DF Datasheet(PDF) 11 Page - Panasonic Semiconductor

Part # ELJPC221DF
Description  Chip inductors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJPC221DF Datasheet(HTML) 11 Page - Panasonic Semiconductor

Back Button ELJPC221DF Datasheet HTML 7Page - Panasonic Semiconductor ELJPC221DF Datasheet HTML 8Page - Panasonic Semiconductor ELJPC221DF Datasheet HTML 9Page - Panasonic Semiconductor ELJPC221DF Datasheet HTML 10Page - Panasonic Semiconductor ELJPC221DF Datasheet HTML 11Page - Panasonic Semiconductor ELJPC221DF Datasheet HTML 12Page - Panasonic Semiconductor ELJPC221DF Datasheet HTML 13Page - Panasonic Semiconductor ELJPC221DF Datasheet HTML 14Page - Panasonic Semiconductor ELJPC221DF Datasheet HTML 15Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Chip Inductors
s Examples : Type 3225(1210)PA
µH
1.0
150
0.15
600
1.5
110
0.18
550
2.2
±20 %
7
7.96
80
0.23
500
3.3
58
0.28
400
4.7
46
0.34
350
6.8
38
0.42
300
10
23
0.50
240
12
21
0.60
230
15
18
0.74
220
18
17
0.90
205
22
15
1.15
185
27
15
2.52
13
1.45
165
33
12
1.65
155
39
11
1.90
145
47
9.5
2.25
135
56
±10 %
8.5
3.30
110
68
7.5
3.70
105
82
7.0
4.20
100
100
6.5
5.00
90
120
6.0
7.00
75
150
5.5
8.00
70
180
20
0.796
5.0
9.50
65
220
4.0
11.0
60
270
3.5
14.5
55
330
3.0
16.0
50
Tolerance
ELJPA1R0MF
ELJPA1R5MF
ELJPA2R2MF
ELJPA3R3MF
ELJPA4R7MF
ELJPA6R8MF
ELJPA100KF
ELJPA120KF
ELJPA150KF
ELJPA180KF
ELJPA220KF
ELJPA270KF
ELJPA330KF
ELJPA390KF
ELJPA470KF
ELJPA560KF
ELJPA680KF
ELJPA820KF
ELJPA101KF
ELJPA121KF
ELJPA151KF
ELJPA181KF
ELJPA221KF
ELJPA271KF
ELJPA331KF
s Examples : Type 3225(1210)EA
µH
1.0
100
0.09
500
1.5
80
0.10
390
2.2
±20 %
7
7.96
65
0.13
350
3.3
50
0.16
270
4.7
46
0.18
240
6.8
36
0.25
200
10
29
0.34
160
15
25
0.42
145
22
18
0.65
115
33
10
2.52
16
0.91
95
47
13
1.30
80
68
±10 %
10
1.95
60
100
8.0
3.12
50
150
7.0
4.03
45
220
20
0.796
5.0
7.15
35
330
4.0
9.23
30
Tolerance
ELJEA1R0MF
ELJEA1R5MF
ELJEA2R2MF
ELJEA3R3MF
ELJEA4R7MF
ELJEA6R8MF
ELJEA100KF
ELJEA150KF
ELJEA220KF
ELJEA330KF
ELJEA470KF
ELJEA680KF
ELJEA101KF
ELJEA151KF
ELJEA221KF
ELJEA331KF
Q
min.
SRF V1
min.(MHz)
DCR V2
max.(Ω)
Part No.
Inductance
L , Q Test
Freq.( MHz)
V
1 : Self Resonant Frequency V2 : DC Resistance
V
1 : Self Resonant Frequency V2 : DC Resistance
DC Current
max.(mA)
Q
min.
SRF V1
min.(MHz)
DCR V2
max.(Ω)
Part No.
Inductance
L , Q Test
Freq.( MHz)
DC Current
max.(mA)
4. Low DC resistance Type EA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com