Electronic Components Datasheet Search
  English  ▼

X  

AD8016ARBZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD8016ARBZ
Description  Low Power, High Output Current xDSL Line Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8016ARBZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8016ARBZ Datasheet HTML 3Page - Analog Devices AD8016ARBZ Datasheet HTML 4Page - Analog Devices AD8016ARBZ Datasheet HTML 5Page - Analog Devices AD8016ARBZ Datasheet HTML 6Page - Analog Devices AD8016ARBZ Datasheet HTML 7Page - Analog Devices AD8016ARBZ Datasheet HTML 8Page - Analog Devices AD8016ARBZ Datasheet HTML 9Page - Analog Devices AD8016ARBZ Datasheet HTML 10Page - Analog Devices AD8016ARBZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
AD8016
Rev. C | Page 7 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 6. Multitone Power Ratio; VS = ±12 V, 20.4 dBm Output Power into
100 Ω, Downstream
Figure 7. 100 mV Step Response; G = +5, VS = ±6 V, RL = 25 Ω, Single-Ended
Figure 8. 4 V Step Response; G = +5, VS = ±6 V, RL = 25 Ω, Single-Ended
Figure 9. 100 mV Step Response; G = +5, VS = ±12 V, RL = 25 Ω, Single-Ended
Figure 10. 4 V Step Response; G = +5, VS = ±12 V, RL = 25 Ω, Single-Ended
Figure 11. Distortion vs. Frequency; Second Harmonic, VS = ±12 V, RL = 50 Ω,
Differential
FREQUENCY (kHz)
549.3 550.3 551.3 552.3 553.3 554.3 555.3 556.3 557.3 558.3 559.3
–75dBc
VOUT = 100mV
VIN = 20mV
TIME (100ns/DIV)
VOUT = 5V
VIN = 800mV
TIME (100ns/DIV)
VOUT = 100mV
VIN = 20mV
TIME (100ns/DIV)
TIME (100ns/DIV)
VOUT = 4V
VIN = 800mV
(1,0)
(0,1)
FREQUENCY (MHz)
–30
10
0.01
1
0.1
–110
–100
–90
–80
–70
–60
–50
–40
20
RF = 499Ω
G = +10
VOUT = 4V p-p
(0,0)
PWDN1, PWDN0 = (1,1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com