Electronic Components Datasheet Search
  English  ▼

X  

AD8016ARBZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD8016ARBZ
Description  Low Power, High Output Current xDSL Line Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8016ARBZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8016ARBZ Datasheet HTML 4Page - Analog Devices AD8016ARBZ Datasheet HTML 5Page - Analog Devices AD8016ARBZ Datasheet HTML 6Page - Analog Devices AD8016ARBZ Datasheet HTML 7Page - Analog Devices AD8016ARBZ Datasheet HTML 8Page - Analog Devices AD8016ARBZ Datasheet HTML 9Page - Analog Devices AD8016ARBZ Datasheet HTML 10Page - Analog Devices AD8016ARBZ Datasheet HTML 11Page - Analog Devices AD8016ARBZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD8016
Data Sheet
Rev. C | Page 8 of 20
Figure 12. Distortion vs. Frequency; Second Harmonic, VS = ±6 V, RL = 50 Ω
Figure 13. Distortion vs. Peak Output Current; Second Harmonic, VS = ±12 V,
RL = 10 Ω, f = 100 kHz, Single-Ended
Figure 14. Distortion vs. Frequency; Third Harmonic, VS = ±12 V, RL = 50 Ω,
Differential
Figure 15. Distortion vs. Frequency; Third Harmonic, VS = ±6 V, RL = 50 Ω,
Differential
Figure 16. Distortion vs. Peak Output Current, Third Harmonic; VS = ±12 V,
RL = 10 Ω, G = +5, f = 100 kHz, Single-Ended
Figure 17. Distortion vs. Peak Output Current; Second Harmonic, VS = ±6 V,
RL = 5 Ω, f = 100 kHz, Single-Ended
(0,1)
(1,0)
–30
–110
–100
–90
–80
–70
–60
–50
–40
(0,0)
FREQUENCY (MHz)
PWDN1, PWDN0 = (1,1)
10
0.01
1
0.1
20
RF = 499Ω
G = +10
VOUT = 4V p-p
(0,1)
PEAK OUTPUT CURRENT (mA)
–30
0
100
200
–80
–75
–70
–65
–60
–55
–50
–40
(0,0)
–35
–45
300400500600700800
(1,0)
PWDN1, PWDN0 = (1,1)
RF = 499Ω
G = +5
10
0.01
1
0.1
20
(0,1)
FREQUENCY (MHz)
–30
–110
–100
–90
–80
–70
–60
–50
–40
(0,0)
(1,0)
PWDN1, PWDN0 = (1,1)
RF = 499Ω
G = +10
VOUT = 4V p-p
10
0.01
1
0.1
20
(1,0)
(0,1)
FREQUENCY (MHz)
–30
–110
–100
–90
–80
–70
–60
–50
–40
(0,0)
PWDN1, PWDN0 = (1,1)
RF = 499Ω
G = +10
VOUT = 4V p-p
(1,0)
(0,1)
PEAK OUTPUT CURRENT (mA)
–30
0
100
200
–90
–80
–70
–50
(0,0)
–40
–60
300
400
500
600
700
PWDN1,
PWDN0 = (1,1)
RF = 499Ω
G = +5
(1,0)
(0,1)
PEAK OUTPUT CURRENT (mA)
–30
0100
200
–80
–75
–70
–65
–60
–55
–50
–40
(0,0)
–35
–45
300
400
500
600
PWDN1, PWDN0 = (1,1)
RF = 499Ω
G = +5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com