Electronic Components Datasheet Search
  English  ▼

X  

AD8099ARDZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD8099ARDZ
Description  Ultralow Distortion, High Speed, 0.95 nV/√Hz Voltage Noise Op Amp
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8099ARDZ Datasheet(HTML) 3 Page - Analog Devices

  AD8099ARDZ Datasheet HTML 1Page - Analog Devices AD8099ARDZ Datasheet HTML 2Page - Analog Devices AD8099ARDZ Datasheet HTML 3Page - Analog Devices AD8099ARDZ Datasheet HTML 4Page - Analog Devices AD8099ARDZ Datasheet HTML 5Page - Analog Devices AD8099ARDZ Datasheet HTML 6Page - Analog Devices AD8099ARDZ Datasheet HTML 7Page - Analog Devices AD8099ARDZ Datasheet HTML 8Page - Analog Devices AD8099ARDZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Data Sheet
AD8099
Rev. E | Page 3 of 26
SPECIFICATIONS
SPECIFICATIONS WITH ±5 V SUPPLY
TA = 25°C, G = +2, RL = 1 kΩ to ground, unless otherwise noted. Refer to Figure 60 through Figure 66 for component values and gain
configurations.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
G = +5, VOUT = 0.2 V p-p
450
510
MHz
G = +5, VOUT = 2 V p-p
205
235
MHz
Bandwidth for 0.1 dB Flatness (SOIC/LFCSP)
G = +2, VOUT = 0.2 V p-p
34/25
MHz
Slew Rate
G = +10, VOUT = 6 V Step
1120
1350
V/µs
G = +2, VOUT = 2 V Step
435
470
V/µs
Settling Time to 0.1%
G = +2, VOUT = 2 V Step
18
ns
NOISE/DISTORTION PERFORMANCE
Harmonic Distortion (dBc) HD2/HD3
fC = 500 kHz, VOUT = 2 V p-p, G = +10
−102/−111
dBc
fC = 10 MHz, VOUT = 2 V p-p, G = +10
−84/−92
dBc
Input Voltage Noise
f = 100 kHz
0.95
nV/√Hz
Input Current Noise
f = 100 kHz, DISABLE pin floating
2.6
pA/√Hz
f = 100 kHz, DISABLE pin = +VS
5.2
pA/√Hz
DC PERFORMANCE
Input Offset Voltage
0.1
0.5
mV
Input Offset Voltage Drift
2.3
µV/°C
Input Bias Current
DISABLE pin floating
−6
−13
µA
DISABLE pin = +VS
−0.1
−2
µA
Input Bias Current Drift
3
nA/°C
Input Bias Offset Current
0.06
1
µA
Open-Loop Gain
82
85
dB
INPUT CHARACTERISTICS
Input Resistance
Differential mode
4
kΩ
Common mode
10
MΩ
Input Capacitance
2
pF
Input Common-Mode Voltage Range
−3.7 to +3.7
V
Common-Mode Rejection Ratio
VCM = ±2.5 V
98
105
dB
DISABLE PIN
DISABLE Input Voltage
Output disabled
<2.4
V
Turn-Off Time
50% of DISABLE to < 10% of final VOUT,
VIN = 0.5 V, G = +2
105
ns
Turn-On Time
50% of DISABLE to < 10% of final VOUT,
VIN = 0.5 V, G = +2
39
ns
Enable Pin Leakage Current
DISABLE = +5 V
17
21
µA
DISABLE Pin Leakage Current
DISABLE = −5 V
35
44
µA
OUTPUT CHARACTERISTICS
Output Overdrive Recovery Time (Rise/Fall)
VIN = −2.5 V to +2.5 V, G =+2
30/50
ns
Output Voltage Swing
RL = 100 Ω
−3.4 to +3.5
−3.6 to +3.7
V
RL = 1 kΩ
−3.7 to +3.7
−3.8 to +3.8
V
Short-Circuit Current
Sinking and sourcing
131/178
mA
Off Isolation
f = 1 MHz, DISABLE = low
−61
dB
POWER SUPPLY
Operating Range
±5
±6
V
Quiescent Current
15
16
mA
Quiescent Current (Disabled)
DISABLE = Low
1.7
2
mA
Positive Power Supply Rejection Ratio
+VS = 4 V to 6 V, −VS = −5 V (input referred)
85
91
dB
Negative Power Supply Rejection Ratio
+VS = 5 V, −VS = −6 V to −4 V (input referred)
86
94
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com