Electronic Components Datasheet Search
  English  ▼

X  

AD8099ARDZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD8099ARDZ
Description  Ultralow Distortion, High Speed, 0.95 nV/√Hz Voltage Noise Op Amp
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8099ARDZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8099ARDZ Datasheet HTML 15Page - Analog Devices AD8099ARDZ Datasheet HTML 16Page - Analog Devices AD8099ARDZ Datasheet HTML 17Page - Analog Devices AD8099ARDZ Datasheet HTML 18Page - Analog Devices AD8099ARDZ Datasheet HTML 19Page - Analog Devices AD8099ARDZ Datasheet HTML 20Page - Analog Devices AD8099ARDZ Datasheet HTML 21Page - Analog Devices AD8099ARDZ Datasheet HTML 22Page - Analog Devices AD8099ARDZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
Data Sheet
AD8099
Rev. E | Page 19 of 26
PERFORMANCE vs. COMPONENT VALUES
The influence that each component has on the AD8099
frequency response can be seen in Figure 68 to Figure 73. In
Figure 68 to Figure 73, all component values are held constant,
except for the individual component shown, which is varied.
For example, in the RS performance plot (Figure 69), all
components are held constant except RS, which is varied from
0 Ω to 50 Ω. Figure 69 clearly indicates that RS has a major
influence on the peaking and the bandwidth of the AD8099.
1
8
4
7
5
3
6
2
AD8099
C5
0.1
F
CC
CF
C1
C4
10
F
C2
10
F
C3
0.1
F
RC
RF
RG
RS
R1
+VS
–VS
VOUT
SOIC PINOUT SHOWN
VIN
DISABLE
Figure 67. Complete Noninverting Amplifier Configuration for SOIC Package
with Compensation Network
FREQUENCY (MHz)
–1
3000
1
10
8
9
7
6
5
4
3
2
1
0
VS = ±5V
G = +2
RLOAD = 1k
SOIC PACKAGE
10
100
1000
RF = RG = 200
RF = RG = 250
RF = RG = 300
Figure 68. Frequency Response for Various Values of RF and RG
FREQUENCY (MHz)
0
10000
1
12
10
11
9
8
7
6
5
4
3
2
1
VS = ±5V
G = +2
RLOAD = 1k
SOIC PACKAGE
10
100
1000
RS = 0
RS = 50
RS = 20
Figure 69. Frequency Response for Various Values of RS
FREQUENCY (MHz)
–1
3000
1
10
8
9
7
6
5
4
3
2
1
0
VS = ±5V
G = +2
RLOAD = 1k
SOIC PACKAGE
10
100
1000
RC = 50
RC = 35
RC = 20
Figure 70. Frequency Response for Various Values of RC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com