Electronic Components Datasheet Search
  English  ▼

X  

AD810ARZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD810ARZ
Description  Low Power Video Op Amp with Disable
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD810ARZ Datasheet(HTML) 5 Page - Analog Devices

  AD810ARZ Datasheet HTML 1Page - Analog Devices AD810ARZ Datasheet HTML 2Page - Analog Devices AD810ARZ Datasheet HTML 3Page - Analog Devices AD810ARZ Datasheet HTML 4Page - Analog Devices AD810ARZ Datasheet HTML 5Page - Analog Devices AD810ARZ Datasheet HTML 6Page - Analog Devices AD810ARZ Datasheet HTML 7Page - Analog Devices AD810ARZ Datasheet HTML 8Page - Analog Devices AD810ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Data Sheet
AD810
Rev. B | Page 5 of 22
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage
±18 V
Internal Power Dissipation
See Figure 2
Output Short-Circuit Duration1
See Figure 2
Common-Mode Input Voltage
±VS
Differential Input Voltage
±6 V
Storage Temperature Range
PDIP
−65°C to +125°C
CERDIP
−65°C to +150°C
SOIC_N
−65°C to +125°C
Operating Temperature Range
AD810A
−40°C to +85°C
5962-9313201MPA
−55°C to +125°C
Junction Temperature
AD810A
145°C
5962-9313201MPA
175°C
Lead Temperature Range (Soldering
60 sec)
300°C
1
Internal short-circuit protection may not be sufficient to guarantee that the
maximum junction temperature is not exceeded under all conditions.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
θJA is the natural convection junction to ambient thermal
resistance measured in a one-cubic foot sealed enclosure.
Table 3. Thermal Resistance
Package Type
θJA
Unit
N-8
90
°C/W
Q-8
110
°C/W
R-8
150
°C/W
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated by the AD810 is
limited by the associated rise in junction temperature. To ensure
proper operation, it is important to observe the derating curves
in Figure 2.
2.4
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
–60
–40
–20
0
20
40
60
80
100
120
140
AMBIENT TEMPERATURE (°C)
8-LEAD
CERDIP
8-LEAD
PDIP
8-LEAD
SOIC
Figure 2. Total Power Dissipation vs. Ambient Temperature
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com