Electronic Components Datasheet Search
  English  ▼

X  

AD810ARZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD810ARZ
Description  Low Power Video Op Amp with Disable
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD810ARZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD810ARZ Datasheet HTML 4Page - Analog Devices AD810ARZ Datasheet HTML 5Page - Analog Devices AD810ARZ Datasheet HTML 6Page - Analog Devices AD810ARZ Datasheet HTML 7Page - Analog Devices AD810ARZ Datasheet HTML 8Page - Analog Devices AD810ARZ Datasheet HTML 9Page - Analog Devices AD810ARZ Datasheet HTML 10Page - Analog Devices AD810ARZ Datasheet HTML 11Page - Analog Devices AD810ARZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
AD810
Data Sheet
Rev. B | Page 8 of 22
10
0.01
0.1
1
10k
100k
1M
10M
100M
FREQUENCY (Hz)
VS = ±15V
VS = ±5V
GAIN = +2
RF = 715Ω
Figure 12. Closed-Loop Output Resistance vs. Frequency
30
0
10
5
15
20
25
100k
1M
10M
100M
FREQUENCY (Hz)
VS = ±15V
VS = ±5V
OUTPUT LEVEL FOR 3% THD
RL = 400Ω
Figure 13. Large Signal Frequency Response
120
20
40
60
80
100
–60
–40
–20
0
20
40
60
80
100
120
140
JUNCTION TEMPERATURE (°C)
VS = ±15V
VS = ±5V
Figure 14. Output Current vs. Junction Temperature
1M
100
1k
10k
100k
100k
1M
10M
100M
FREQUENCY (Hz)
Figure 15. Output Resistance vs. Frequency, Disabled State
100
1
10
100
1
10
10
1k
100
10k
100k
FREQUENCY (Hz)
VS = ±5V TO ±15V
INVERTING INPUT
CURRENT NOISE
VOLTAGE NOISE
NONINVERTING INPUT
CURRENT NOISE
Figure 16. Input Voltage Noise and Input Current Noise vs. Frequency
100
90
80
70
60
50
40
30
20
10k
100k
1M
10M
100M
FREQUENCY (Hz)
Figure 17. Common-Mode Rejection vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com