Electronic Components Datasheet Search
  English  ▼

X  

AD9631 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9631
Description  Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9631 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9631 Datasheet HTML 2Page - Analog Devices AD9631 Datasheet HTML 3Page - Analog Devices AD9631 Datasheet HTML 4Page - Analog Devices AD9631 Datasheet HTML 5Page - Analog Devices AD9631 Datasheet HTML 6Page - Analog Devices AD9631 Datasheet HTML 7Page - Analog Devices AD9631 Datasheet HTML 8Page - Analog Devices AD9631 Datasheet HTML 9Page - Analog Devices AD9631 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD9631/AD9632
Data Sheet
Rev. D | Page 6 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 5. AD9631 Noninverting Configuration, G = +1
Figure 6. AD9631 Large Signal Transient Response; VOUT = 4 V p-p,
G = +1, RF = 250 Ω
Figure 7. AD9631 Small Signal Transient Response; VOUT = 400 mV p-p,
G = +1, RF = 140 Ω
Figure 8. AD9631 Inverting Configuration, G = −1
Figure 9. AD9631 Large Signal Transient Response; VOUT = 4 V p-p, G = −1,
RF = RIN = 267 Ω
Figure 10. AD9631 Small Signal Transient Response; VOUT = 400 mV p-p,
G = −1, RF = RIN = 267 Ω
AD9631
+VS
0.1µF
0.1µF
10µF
10µF
–VS
RF
130Ω
VIN
RL = 100Ω
VOUT
PULSE
GENERATOR
TR/TF = 350ps
RT
49.9Ω
1V
5ns
100mV
5ns
AD9631
0.1µF
0.1µF
10µF
10µF
+VS
–VS
RF
RL = 100Ω
VOUT
PULSE
GENERATOR
TR/TF = 350ps
RT
49.9Ω
267Ω
VIN
100Ω
1V
5ns
100mV
5ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com